Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPT32001CWS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MPT32001CWS
Description  Surface Mount Network
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MPT32001CWS Datasheet(HTML) 1 Page - Vishay Siliconix

  MPT32001CWS Datasheet HTML 1Page - Vishay Siliconix MPT32001CWS Datasheet HTML 2Page - Vishay Siliconix MPT32001CWS Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Network
MP
Vishay Thin Film
www.vishay.com
For technical questions, contact: thin-film@vishay.com
Document Number: 60092
8
Revision: 14-Sep-07
Vishay Thin Film MP Series Dividers provide ± 2 ppm/°C
tracking and a ratio tolerance as tight as ± 0.05 %, ultra
small size, 3 or 4 lead package and exceptional stability for
all surface mount applications. The standard SC70 package
format with common standard resistance values provide
easy selection for most applications requiring matched pair
resistor elements. If you require a non-standard ratio,
consult the applications engineering group as we may be
able to meet your requirements with a custom design.
SCHEMATIC
FEATURES
• Lead (Pb)-free available
• Small physical size SC70 format
• Tight resistance ratio tolerances ± 0.05 %
• Low TCR tracking ± 2 ppm
• Excellent long term stability (500 ppm at 70 °C for 2000 h)
• Center-tapped or isolated matched pair resistors
TYPICAL PERFORMANCE
* Pb containing terminations are not RoHS compliant, exemptions may apply
Actual Size
MP 3 LEAD
MP 4 LEAD
3
1
R2
R1
R2
R1
3 LEAD VERSION
21
2
43
4 LEAD VERSION
ABS
TRACKING
TCR
25
2
ABS
RATIO
TOL
0.1
0.05
STANDARD RESISTANCE VALUES
TYPE
STANDARD VALUES
R1 (
Ω)R2 (Ω)
MP3
1K
1K
10K
10K
MP4
1K
1K
10K
10K
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated Nichrome
Resistance Range
100
Ω to 50 kΩ
TCR
± 25 ppm/°C
- 55 °C to + 125 °C
Tolerance:
Absolute
± 0.10 %, ± 0.50 %, ± 1.0 %
+ 25 °C
Ratio
± 0.05 % (standard), ± 1.0 %
Power Rating:
Resistor
0.075 W
Max. at + 70 °C
Package
0.150 W
Max. at + 70 °C
Stability
500 ppm
2000 h at + 70 °C
Voltage Coefficient
0.1 ppm/V
Working Voltage
50 V
Operating Temperature Range
- 55 °C to + 125 °C
Noise
< - 30 dB
Thermal EMF
0.1 µV/°C
Shelf Life Stability:
Absolute
< 100 ppm
1 year at + 25 °C
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - MPT32001CWS

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MPT312-1R0E1 DELTA-MPT312-1R0E1 Datasheet
51Kb / 1P
Mechanical dimensions
MPT312-2R2E1 DELTA-MPT312-2R2E1 Datasheet
51Kb / 1P
Mechanical dimensions
MPT312-R47E1 DELTA-MPT312-R47E1 Datasheet
51Kb / 1P
Mechanical dimensions
More results

Similar Description - MPT32001CWS

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SOT23 WELWYN-SOT23 Datasheet
86Kb / 2P
Surface Mount Divider Network
logo
IRC - a TT electronics ...
GUB-GM7A-01-2001-J IRCTT-GUB-GM7A-01-2001-J Datasheet
516Kb / 3P
TaNFilm Small Outline Surface Mount Resistor Network
logo
CTS Corporation
766141103GP CTS-766141103GP Datasheet
99Kb / 4P
Surface Mount Resistor Network
766145191A CTS-766145191A Datasheet
99Kb / 4P
Surface Mount Resistor Network
766161103G CTS-766161103G Datasheet
99Kb / 4P
Surface Mount Resistor Network
766161332GPTR7 CTS-766161332GPTR7 Datasheet
99Kb / 4P
Surface Mount Resistor Network
766163271G CTS-766163271G Datasheet
99Kb / 4P
Surface Mount Resistor Network
767161103G CTS-767161103G Datasheet
93Kb / 4P
Series 767 Surface Mount Resistor Network
767163203GP CTS-767163203GP Datasheet
93Kb / 4P
Surface Mount Resistor Network
768163103GPTR13 CTS-768163103GPTR13 Datasheet
389Kb / 7P
Surface Mount Resistor Network
2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com