Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL77-AI Datasheet(PDF) 2 Page - STMicroelectronics

Part # TL77-AI
Description  SUPPLY VOLTAGE SUPERVISORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL77-AI Datasheet(HTML) 2 Page - STMicroelectronics

  TL77-AI Datasheet HTML 1Page - STMicroelectronics TL77-AI Datasheet HTML 2Page - STMicroelectronics TL77-AI Datasheet HTML 3Page - STMicroelectronics TL77-AI Datasheet HTML 4Page - STMicroelectronics TL77-AI Datasheet HTML 5Page - STMicroelectronics TL77-AI Datasheet HTML 6Page - STMicroelectronics TL77-AI Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
* TL7702A R1 = 0
Ω, R2 = open ; TL7705A R1 = 7.8KΩ, R2 = 10kΩ ; TL7709A R1 = 19.7 KΩ, R2 = 10kΩ ;
TL7712A R1 = 32.7k
Ω, R2 = 10kΩ ; TL7715A R1 = 43.4 KΩ, R2 = 10kΩ.
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage, VCC - (see note 1)
20
V
Vi
Input Voltage Range at RESIN
-0.3 to 20
V
Vi
Input Voltage at SENSE :
TL7702A (see note 2)
TL7705A
TL7709A
TL7712A
TL7715A
-0.3 to 6
-0.3 to 10
-0.3 to 15
-0.3 to 20
-0.3 to 20
V
IOH
High-level Output Current at RESET
-30
mA
IOL
Low-level Output Current at RESET
30
mA
Tamb
Operating Free-air Temperature Range :
TL77XXAI
TL77XXAC
-25 to 85
0to 70
oC
Tstg
Storage Temperature Range
-65 to 150
oC
Notes :
1. All voltage values are with respect to the network ground terminal
2. For the TL7700A, the voltage applied to the SENSE terminal must never exceed Vs.
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction-ambient
Max.
120
oC/W
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min.
Max.
Unit
VS
Supply Voltage
3.6
18
V
VIH
High-level Input Voltage at RESIN
2
V
VIL
Low-level Input Voltage at RESIN
0.6
V
Vi
Voltage at Sense Input
TL7702A
TL7705A
TL7709A
TL7712A
TL7715A
0
0
0
0
0
See note 3
10
15
20
20
V
IOH
High-level Output Current at RESET
-16
mA
IOL
Low-level Output Current at RESET
16
mA
Tamb
Operating Free-air Temperature Range TL77-AI
TL77-AC
-25
0
85
70
oC
Note :
3. For proper operation of the TL7702A, the voltage applied to the SENSE terminal should not exceed Vs - 1V or 6V, which ever is less.
TL7700A Series
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com