Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL084CD Datasheet(PDF) 1 Page - STMicroelectronics

Part # TL084CD
Description  GENERAL PURPOSEJ-FET QUAD OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL084CD Datasheet(HTML) 1 Page - STMicroelectronics

  TL084CD Datasheet HTML 1Page - STMicroelectronics TL084CD Datasheet HTML 2Page - STMicroelectronics TL084CD Datasheet HTML 3Page - STMicroelectronics TL084CD Datasheet HTML 4Page - STMicroelectronics TL084CD Datasheet HTML 5Page - STMicroelectronics TL084CD Datasheet HTML 6Page - STMicroelectronics TL084CD Datasheet HTML 7Page - STMicroelectronics TL084CD Datasheet HTML 8Page - STMicroelectronics TL084CD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
GENERAL PURPOSEJ-FET
QUAD OPERATIONAL AMPLIFIERS
®
.
WIDE COMMON-MODE (UP TO VCC
+)AND
DIFFERENTIAL VOLTAGE RANGE
.
LOW INPUT BIAS AND OFFSET CURRENT
.
OUTPUT SHORT-CIRCUIT PROTECTION
.
HIGH INPUT IMPEDANCE J–FET INPUT
STAGE
.
INTERNAL FREQUENCY COMPENSATION
.
LATCH UP FREE OPERATION
.
HIGH SLEW RATE : 16V/
µs (typ)
N
DIP14
(Plastic Package)
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
PIN CONNECTIONS (top view)
DESCRIPTION
The TL084, TL084A and TL084B are high speed
J–FET input quad operationalamplifiers incorporating
well matched, high voltage J–FET and bipolar transis-
tors in a monolithic integrated circuit.
The devicesfeaturehigh slew rates, low input bias and
offset currents, and low offset voltage temperature
coefficient.
D
SO14
(Plastic Micropackage)
TL084
TL084A - TL084B
January 1999
ORDER CODES
Part Number
Temperature
Range
Package
NDP
TL084M/AM/BM
–55
oC, +125oC
•••
TL084I/AI/BI
–40
oC, +105oC
•••
TL084C/AC/BC
0
oC, +70oC
•••
Examples : TL084CN, TL084CD
P
TSSOP14
(Thin Shrink Small Outline Package)
1/11


Similar Part No. - TL084CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL084CD TI-TL084CD Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL084CD TI-TL084CD Datasheet
463Kb / 29P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL084CD TI-TL084CD Datasheet
862Kb / 37P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL084CD TI-TL084CD Datasheet
836Kb / 33P
JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL084CD STMICROELECTRONICS-TL084CD Datasheet
313Kb / 16P
General purpose JFET quad operational amplifier
30-Jul-2007
More results

Similar Description - TL084CD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF147-LF247 STMICROELECTRONICS-LF147-LF247 Datasheet
302Kb / 10P
WIDE BANDWIDTH QUAD J-FET OPERATIONAL AMPLIFIERS
Mar-2001
TL064 STMICROELECTRONICS-TL064 Datasheet
113Kb / 10P
LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
Oct-1997
logo
Texas Instruments
RC4136 TI-RC4136 Datasheet
83Kb / 5P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
MC33004 STMICROELECTRONICS-MC33004 Datasheet
596Kb / 10P
GENERAL PURPOSE QUAD J FET OPERATIONAL AMPLIFIERS
TL064 STMICROELECTRONICS-TL064_01 Datasheet
237Kb / 10P
LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
Nov-2001
logo
Texas Instruments
RC4136 TI-RC4136_07 Datasheet
295Kb / 8P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL084 STMICROELECTRONICS-TL084_01 Datasheet
313Kb / 12P
GENERAL PURPOSE J-FET QUAD OPERATIONAL AMPLIFIERS
Mar-2001
logo
Texas Instruments
OPA4131NAG4 TI-OPA4131NAG4 Datasheet
1Mb / 20P
General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
RC4136J TI-RC4136J Datasheet
217Kb / 8P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
OPA131 TI1-OPA131_16 Datasheet
1Mb / 21P
General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com