Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0402WGF200JTCE Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 0402WGF200JTCE
Description  Thick Film Chip Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0402WGF200JTCE Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  0402WGF200JTCE Datasheet HTML 1Page - List of Unclassifed Manufacturers 0402WGF200JTCE Datasheet HTML 2Page - List of Unclassifed Manufacturers 0402WGF200JTCE Datasheet HTML 3Page - List of Unclassifed Manufacturers 0402WGF200JTCE Datasheet HTML 4Page - List of Unclassifed Manufacturers 0402WGF200JTCE Datasheet HTML 5Page - List of Unclassifed Manufacturers 0402WGF200JTCE Datasheet HTML 6Page - List of Unclassifed Manufacturers 0402WGF200JTCE Datasheet HTML 7Page - List of Unclassifed Manufacturers 0402WGF200JTCE Datasheet HTML 8Page - List of Unclassifed Manufacturers 0402WGF200JTCE Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Page 6
29/08/07 V1.1
Thick Film Chip Resistors
Part Number Table
Resistance Value
Part Number
2K2
0402WGF2201TCE
2K4
0402WGF2401TCE
2K7
0402WGF2701TCE
3K
0402WGF3001TCE
3K3
0402WGF3301TCE
3K6
0402WGF3601TCE
3K9
0402WGF3901TCE
4K3
0402WGF4301TCE
4K7
0402WGF4701TCE
5K1
0402WGF5101TCE
5K6
0402WGF5601TCE
6K2
0402WGF6201TCE
6K8
0402WGF6801TCE
7K5
0402WGF7501TCE
8K2
0402WGF8201TCE
9K1
0402WGF9101TCE
10K
0402WGF1002TCE
11K
0402WGF1102TCE
12K
0402WGF1202TCE
13K
0402WGF1302TCE
15K
0402WGF1502TCE
16K
0402WGF1602TCE
18K
0402WGF1802TCE
20K
0402WGF2002TCE
22K
0402WGF2202TCE
24K
0402WGF2402TCE
27K
0402WGF2702TCE
30K
0402WGF3002TCE
33K
0402WGF3302TCE
36K
0402WGF3602TCE
39K
0402WGF3902TCE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com