Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5803611L-R60 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 5803611L-R60
Description  Incremental Encoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5803611L-R60 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  5803611L-R60 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5803611L-R60 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5803611L-R60 Datasheet HTML 3Page - List of Unclassifed Manufacturers 5803611L-R60 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Subject to reasonable modifications due to technical advances.
Copyright Pepperl+Fuchs, Printed in Germany
Pepperl+Fuchs Group · Tel.: Germany (6 21) 7 76-11 11 · USA (3 30) 4 25 35 55 · Singapore 8 73 16 37 · Internet http://www.pepperl-fuchs.com
19
GND
U
B
A
B
0
NCNC
NCNC
12-wire cable
white / brown / brown grey
green pink
red
black
blue
violet
yellow white
green
green
Connector 9416
10
12
5
8
6
1
3
4
2
7
9
11
Series 58
Incremental Encoder
0
B
A
Pulses per revolution:
Plastic disc:
Every pulse per revolution: between 1 and 1500.
Glass disc:
60, 100, 120, 180, 200, 250, 256, 300, 314, 360, 400, 500, 512, 600, 720, 900, 1000, 1024,
1200, 1250, 1500, 1800, 2000, 2048, 2400, 2500, 3000, 3600, 4000, 4096, 5000
More information available upon request.
· Meets industrial stand-
ards
· Synchro flange or clamp-
ing flange
· Up to 20000 ppr
at 5000 slits
· 10 V ... 30 V with short cir-
cuit protected push-pull
transistor output
· 5 V; RS 422
· Comprehensive accesso-
ry line
· Cable or connector
versions
Electrical Connections
Electrical Specifications:
Measuring principle
Photoelectric
Maximum pulse count
[I/U] 5000
RS422
Push-pull
No-load current I
0 at
Operating voltage U
B = 5 V ± 5 %
[mA] 100
--
Operating voltage U
B = 10 V ... 30 V
[mA] --
80
Operating current I
L per channel
[mA] 20
40, short circuit protected
Voltage drop U
d
[V] --
< 4
Maximum output frequency f
[kHz] 160
160
Response times
[ns] 100
250
Signal Output Configuration (for clockwise rotation):
90 ° ± 10 %
50 % ± 10 %
25 % ± 10 %
Output
A
Output
A
Output
Output
B
B
Output
0
Output
0


Similar Part No. - 5803611L-R60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5803 ETC-5803 Datasheet
462Kb / 6P
738A ADEMCO™ INTERFACE
logo
Aavid, Thermal Division...
580300B00000 AAVID-580300B00000 Datasheet
91Kb / 2P
For use with 18 PIN DIP packages
2/26/2003
580300B00000G AAVID-580300B00000G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
580300B00000G AAVID-580300B00000G Datasheet
8Mb / 116P
How to Use This Catalog
logo
Pomona Electronics
5803A POMONA-5803A Datasheet
86Kb / 2P
General Purpose Oscilloscope Probes
More results

Similar Description - 5803611L-R60

ManufacturerPart #DatasheetDescription
logo
CUI INC
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
incremental encoder
MEH20 CUI-MEH20 Datasheet
80Kb / 3P
incremental encoder
MEH30 CUI-MEH30 Datasheet
76Kb / 3P
incremental encoder
MES9 CUI-MES9 Datasheet
61Kb / 3P
incremental encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
MES20 CUI-MES20 Datasheet
73Kb / 3P
incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
Bourns Electronic Solut...
PEC16 BOURNS-PEC16_10 Datasheet
226Kb / 3P
Incremental Encoder
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com