Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

580A331L-R60 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 580A331L-R60
Description  Incremental Encoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

580A331L-R60 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  580A331L-R60 Datasheet HTML 1Page - List of Unclassifed Manufacturers 580A331L-R60 Datasheet HTML 2Page - List of Unclassifed Manufacturers 580A331L-R60 Datasheet HTML 3Page - List of Unclassifed Manufacturers 580A331L-R60 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Subject to reasonable modifications due to technical advances.
Copyright Pepperl+Fuchs, Printed in Germany
Pepperl+Fuchs Group · Tel.: Germany (6 21) 7 76-11 11 · USA (3 30) 4 25 35 55 · Singapore 8 73 16 37 · Internet http://www.pepperl-fuchs.com
20
Series 58
Incremental Encoder
10
20
46
76
∅
48
3 x M3
5 deep
17.5
10
20
42
72
∅
48
3 x M3
5 deep
21.5
3 x M3
5 deep
10
20
∅
48
66
36
10
20
∅
48
66
36
12.5
3 x M3
5 deep
30°
Mechanical Dimensions:
21.15



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com