Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2232592 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 2232592
Description  Varistors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2232592 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 2232592 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2232592 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2232592 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2232592 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2232592 Datasheet HTML 7Page - List of Unclassifed Manufacturers 2232592 Datasheet HTML 8Page - List of Unclassifed Manufacturers 2232592 Datasheet HTML 9Page - List of Unclassifed Manufacturers 2232592 Datasheet HTML 10Page - List of Unclassifed Manufacturers 2232592 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
1999 May 17
312
BC Components
Product specification
Varistors
2322 592 to 2322 595
Table 3
Varistors on tape on reel
TYPE
2322 592 .....
∅7mm
14 V to 460 V
2322 593 .....
∅9mm
14 V to 460 V
2322 594 .....
∅13.5 mm
14 V to 550 V
2322 595 .....
∅17 mm
14 V to 460 V
Straight leads:
H = 18 mm (2322 594 and 2322 595); see Fig.6
0...6
0...6
0...6
0...6
H = 20 mm (2322 592 and 2322 593); see Fig.5
0...6
0...6
0...6
0...6
Straight leads with flange; H0 = 16 mm; see Fig.7
1...6
1...6
−−
Straight leads with flange; H0 = 18.25 mm; see Fig.7
2...6
2...6
−−
Kinked leads; H0 = 18.25 mm; see Fig.9
3...6
3...6
3...6
3...6
Kinked leads; H0 = 16 mm; see Fig.8
8...6
8...6
8...6
8...6
Package quantities
14 V to 460 V
3000
3000
1500
1500
510 V to 550 V
−−
1200
1200
Fig.10 Dimensions of reels.
Dimensions in mm.
MBC026
,,
,,
,,
,,
,,
,,
,,
,,
,,
,,
,,
,,
42
1
56 max
22.5
1
0
30
77
85.6
92
356
max
18
3
MBD257
,,
,,
,,
,,
,,
,,
,,
,,
,,
,,
,,
,,
46
1
60 max
22.5
1
0
30
77
85.6
92
356
max
18
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com