Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TODV825 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TODV825
Description  ALTERNISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TODV825 Datasheet(HTML) 1 Page - STMicroelectronics

  TODV825 Datasheet HTML 1Page - STMicroelectronics TODV825 Datasheet HTML 2Page - STMicroelectronics TODV825 Datasheet HTML 3Page - STMicroelectronics TODV825 Datasheet HTML 4Page - STMicroelectronics TODV825 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TODV 625 ---> 1225
March 1995
ALTERNISTORS
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(360
° conduction angle)
Tc = 80
°C25
A
ITSM
Non repetitive surge peak on-state current
( Tj initial = 25
°C)
tp = 2.5 ms
390
A
tp = 8.3 ms
250
tp = 10 ms
230
I2tI2t value
tp = 10 ms
265
A2s
dI/dt
Critical rate of rise of on-state current
Gate supply : IG = 500mA diG/dt = 1A/µs
Repetitive
F = 50 Hz
20
A/
µs
Non
Repetitive
100
Tstg
Tj
Storage and operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
°C
Tl
Maximum lead temperature for soldering during 10 s at 4.5 mm
from case
260
°C
RD91
(Plastic)
.
HIGH COMMUTATION : > 88 A/ms (400Hz)
.
INSULATING VOLTAGE = 2500V(RMS)
(UL RECOGNIZED : EB1734)
.
HIGH VOLTAGE CAPABILITY : VDRM = 1200 V
DESCRIPTION
Symbol
Parameter
TODV
Unit
625
825
1025
1225
VDRM
VRRM
Repetitive peak off-state voltage
Tj = 125
°C
600
800
1000
1200
V
ABSOLUTE RATINGS (limiting values)
FEATURES
The TODV 625 ---> 1225 use high performance
passivated glass alternistor technology. Featuring
very high commutation levels and high surge cur-
rent capability, this family is well adapted to power
control on inductive load (motor, transformer...)
A2
G
A1
1/5


Similar Part No. - TODV825

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TODV840 STMICROELECTRONICS-TODV840 Datasheet
67Kb / 5P
ALTERNISTORS
Mar-1995
More results

Similar Description - TODV825

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TODV640 STMICROELECTRONICS-TODV640 Datasheet
67Kb / 5P
ALTERNISTORS
Mar-1995
TPDV625 STMICROELECTRONICS-TPDV625 Datasheet
66Kb / 5P
ALTERNISTORS
Mar-1995
TPDV640 STMICROELECTRONICS-TPDV640 Datasheet
67Kb / 5P
ALTERNISTORS
Mar-1995
TXDV408 STMICROELECTRONICS-TXDV408 Datasheet
303Kb / 5P
ALTERNISTORS
Mar-1995
TXDV412 STMICROELECTRONICS-TXDV412 Datasheet
309Kb / 5P
ALTERNISTORS
Mar-1995
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com