Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1635-2R5475-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A1635-2R5475-R
Description  Supercapacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A1635-2R5475-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A1635-2R5475-R Datasheet HTML 1Page - List of Unclassifed Manufacturers A1635-2R5475-R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2007 Cooper Bussmann
St. Louis, MO 63178
www.cooperbussmann.com
1207
BU-SB07352
Page 2 of 2
Data Sheet 4302
This bulletin is intended to present product design solutions and technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice,
to change design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any
technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the
Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling,
can be reasonably expected to result in significant injury to the user.
North America
Cooper Bussmann
1225 Broken Sound Parkway NW
Suite F
Boca Raton, FL 33487-3533
Tel: 1-561-998-4100
Fax: 1-561-241-6640
Toll Free: 1-888-414-2645
Cooper Bussmann
P.O. Box 14460
St. Louis, MO 63178-4460
Tel: 1-636-394-2877
Fax: 1-636-527-1607
Europe
Cooper Bussmann
Cooper (UK) Limited
Burton-on-the-Wolds
Leicestershire • LE12 5TH UK
Tel: +44 (0) 1509 882 737
Fax: +44 (0) 1509 882 786
Cooper Bussmann
Avda. Santa Eulalia, 290
08223
Terrassa, (Barcelona), Spain
Tel: +34 937 362 812
+34 937 362 813
Fax: +34 937 362 719
Asia Pacific
Cooper Bussmann
1 Jalan Kilang Timor
#06-01 Pacific Tech Centre
Singapore 159303
Tel: +65 278 6151
Fax: +65 270 4160
Dimensions (mm)
Part Number
D
D'
L
L'
F
d'
C
E
A0820-2R5474-R
8.0
8.5
20.5
21.0
3.5
0.50
20.0
25.0
A1020-2R5105-R
10.0
10.5
21.8
22.3
5.0
0.60
20.0
25.0
A1030-2R5155-R
10.0
10.5
31.0
31.5
5.0
0.60
20.0
25.0
A1635-2R5475-R
16.0
16.5
37.5
38.0
7.5
0.80
20.0
25.0
Manufacturer
Capacitance (F)
Max. Operating Voltage (V)
Series Code (or part number)
Polarity Marking
Standard packaging: Bulk, 100 units per package.
Special packaging available upon request. Contact factory.
Part Marking
Packaging Information
L'
L
C
d'
PVC Sleeve
Vent
E
Positive Lead
Minimum
± 0.02
± 0.5
Maximum
Tolerances
Part Numbering System
A
-
2
R
5
Series
Dimensions (mm)
Voltage (V)
Capacitance (µF)
Code
R is decimal
B = Very
Diameter
Length
Value
Multiplier
Low ESR
2R5 = 2.5V
Example:
475 = 47 x 10
5µF or 4.7F



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com