Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA Datasheet(PDF) 1 Page - STMicroelectronics

Part # TPA
Description  TRISIL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPA Datasheet(HTML) 1 Page - STMicroelectronics

  TPA Datasheet HTML 1Page - STMicroelectronics TPA Datasheet HTML 2Page - STMicroelectronics TPA Datasheet HTML 3Page - STMicroelectronics TPA Datasheet HTML 4Page - STMicroelectronics TPA Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TPA SERIES
BIDIRECTIONAL CROWBAR PROTECTION.
VOLTAGE RANGE: FROM 62 V TO 270 V.
HOLDING CURRENT :
IH = 150mA min.
REPETITIVE PEAK PULSE CURRENT :
IPP = 50 A, 10/1000
µs.
FEATURES
F126
The TPA series are TRISIL devices especially de-
signed for protecting sensitive telecommunication
equipment against lightning and transient voltages
induced by AC power lines. They are available in
the F126 axial package.
TRISIL devices provide bidirectional protection
by crowbar action. Their characteristic response
to transient overvoltages makes them particularly
suited to protect voltage sensitive telecommuni-
cation equipment.
DESCRIPTION
SCHEMATIC DIAGRAM
TRISIL
™
COMPLIES WITH THE
FOLLOWING STANDARDS:
Peak Surge
Voltage
(V)
Voltage
Waveform
(
µs)
Current
Waveform
(
µs)
Admissible
Ipp
(A)
Necessary
Resistor
(
Ω)
(CCITT) ITU-K20
1000
10/700
5/310
25
-
(CCITT) ITU-K17
1500
10/700
5/310
38
-
VDE0433
2000
10/700
5/310
50
-
VDE0878
2000
1.2/50
1/20
50
-
IEC-1000-4-5
level 3
level 4
10/700
1.2/50
5/310
8/20
50
100
-
-
FCC Part 68, lightning surge
type A
1500
800
10/160
10/560
10/160
10/560
75
55
12.5
6.5
FCC Part 68, lightning surge
type B
1000
9/720
5/320
25
-
BELLCORE TR-NWT-001089
First level
2500
1000
2/10
10/1000
2/10
10/1000
150
50
11.5
10
BELLCORE TR-NWT-001089
Second level
5000
2/10
2/10
150
11.5
CNET l31-24
1000
0.5/700
0.8/310
25
-
®
October 1998 - Ed: 9A
1/5


Similar Part No. - TPA

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
TELECOMMUNICATION PROTECTION
logo
STMicroelectronics
TPA STMICROELECTRONICS-TPA Datasheet
129Kb / 11P
Trisil for telecom equipment protection
12-Jun-2007
logo
C&K Components
TPA CK-COMPONENTS-TPA Datasheet
233Kb / 3P
Multidirection SMT Navigation Switch
logo
Shenzhen Taychipst Elec...
TPA TAYCHIPST-TPA Datasheet
1Mb / 2P
TELECOMMUNICATION PROTECTION ARRESTORS
logo
New Jersey Semi-Conduct...
TPA NJSEMI-TPA Datasheet
297Kb / 4P
TPA SERIES
More results

Similar Description - TPA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
TPB STMICROELECTRONICS-TPB Datasheet
53Kb / 5P
TRISIL
Oct-1998
SMP80MC-270 STMICROELECTRONICS-SMP80MC-270 Datasheet
82Kb / 8P
TELECOM EQUIPMENT PROTECTION TRISIL
Sep-2003
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
AN574 STMICROELECTRONICS-AN574 Datasheet
66Kb / 4P
TRANSIL TRISIL COMPARISON
SMP30 STMICROELECTRONICS-SMP30 Datasheet
92Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL
Nov-2002
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
SMP50 STMICROELECTRONICS-SMP50 Datasheet
106Kb / 10P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
16-Nov-2004
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
13-Dec-2004
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
Jul-2002
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com