Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1468373C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # 1468373C
Description  Bobbin Type Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

1468373C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  1468373C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 1468373C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KMP_1400C_B01 Page 2 of 2
1400 Series
Bobbin Type Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2007 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (800) 233 2765, email: sales@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
All dimensions in mm.
Package weight: 30-65g Typ.
Marking indicates start of winding.
c ±1.50
10.00±2.0
g ±0.15
f ±1.50
d ±0.05
b ±1.50
e ±0.30
a ±1.50
1422455C
XYYWW
c ±1.50
10.00±2.0
g ±0.15
f ±1.50
d ±0.05
b ±1.50
e ±0.30
a ±1.50
1422455C
XYYWW
All dimensions in mm
SOLDERING INFORMATION2
Peak wave solder temperature
300˚C for 10 seconds
Pin finish
Pure tin dip
TYPICAL CORE/WIRE CHARACTERISTICS
Inductance
Temperature
Coefficient
Resistance
Temperature
Coefficient
Curie Temperature
(T
C)
Saturation Flux
(B
SAT)
215ppm
3900ppm
130°C
240mT
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to 85°C
Storage temperature range
-55°C to 125°C
All specifications typical at T
A=25°C
2 For further information, please visit www.murata-ps.com/rohs
c ±1.50
10.00±2.0
g ±0.15
f ±1.50
d ±0.05
b ±1.50
e ±0.30
a ±1.50
1422455C
XYYWW



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com