Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEC40 Datasheet(PDF) 1 Page - Volgen Kaga Electronics Inc.

Part # FEC40
Description  40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

FEC40 Datasheet(HTML) 1 Page - Volgen Kaga Electronics Inc.

  FEC40 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. FEC40 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E
EL
LE
EC
CT
TR
RIIC
CA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
IIN
NP
PU
UT
T S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
O
OU
UT
TP
PU
UT
T S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
G
GE
EN
NE
ER
RA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
E
EN
NV
VIIR
RO
ON
NM
ME
EN
NT
TA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
P
PH
HY
YS
SIIC
CA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
S
SA
AF
FE
ET
TIIE
ES
S//A
AP
PP
PR
RO
OV
VA
AL
LS
S
1
FEATURES
40 WATT OUTPUT POWER
UP TO TRIPLE OUTPUTS
EXTREMELY RELIABLE
SIX SIDED CONTINOUS SHIELD
HIGH EFFICIENCY UP TO 90%
SHORT CIRCUIT PROTECTION
DIRECT PCB-SOLDERING
INDUSTRY STANDARD 2 X 2 X.04 PACKAGE
INTERNATIONAL SAFETY STANDARD
APPROVALS
4
40
0 W
WA
AT
TT
T D
DC
C//D
DC
C C
CO
ON
NV
VE
ER
RT
TE
ER
R
S
SIIN
NG
GL
LE
E,, D
DU
UA
AL
L &
& T
TR
RIIP
PL
LE
E O
OU
UT
TP
PU
UT
TS
S
F
FE
EC
C4400 S
Seerriieess
Input Voltage Range.........................2 : 1
Input Filter........................................ PI-Network
Output Voltage Accuracy...... .±1%
Voltage Adjustability
Single & Dual……….±1%
Triple....………………±3%
Minimum Load
Single & Dual .………0%
Triple …………………10% of FL
Over-Current Protection. ..…..150% max
Line Regulation
Single/Dual………….±0.5%
Triple…………. .…….±1%(Main)/ ±5%(Auxiliary)
Load Regulation………………...….±0.5%
(Load Rate 10% ~ 100%)
Isolation Voltage…………...1600VDC min
MTBF................................. >1.398 x 10
6 hours
Isolation Resistance.......….10
9ohms min
Isolation Capacitance………1000pF max
Switching Frequency……….300Khz typical
Operating Temperature ...................-40°C ~ +85°C
Temperature Coefficient...................±0.02%/ °C
Humidity.......................................... 5%~95% RH
Storage Temperature...................... -55°C ~ +105°C
Case Material..........................Nickel-Coated Copper
Base Material..........................Non-Conductive
Black Plastic
UL, TUV, CE
All specifications are typical at nominal input, full load


Similar Part No. - FEC40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEC40 ETC-FEC40 Datasheet
148Kb / 2P
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT
logo
Astrodyne Corporation
FEC40 ASTRODYNE-FEC40 Datasheet
633Kb / 4P
Isolated and Regulated 40 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
FEC40-12D12 ETC-FEC40-12D12 Datasheet
148Kb / 2P
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT
logo
Power Mate Technology C...
FEC40-12D12 P-DUKE-FEC40-12D12 Datasheet
356Kb / 4P
40 WATTS MAXIMUM OUTPUT POWER
FEC40-12D12 P-DUKE-FEC40-12D12 Datasheet
350Kb / 3P
40 WATTS DC-DC CONVERTER
More results

Similar Description - FEC40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC15-24S05 ETC-FDC15-24S05 Datasheet
174Kb / 2P
15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
Wall Industries,Inc.
DB12S15-12 WALL-DB12S15-12 Datasheet
193Kb / 4P
2:1 Input Voltage Range 40 Watt DC/DC Converter Single, Dual, and Triple Outputs
logo
Volgen Kaga Electronics...
FDC15-24S05 VOLGEN-FDC15-24S05 Datasheet
238Kb / 2P
15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
AIMTEC
AM40U-AZ AIMTEC-AM40U-AZ Datasheet
305Kb / 3P
40 Watt | DC-DC Converter
logo
Wall Industries,Inc.
MSKUW WALL-MSKUW Datasheet
229Kb / 7P
5 Watt DC/DC Converter Single and Dual Outputs
logo
AIMTEC
AM40W-NZ AIMTEC-AM40W-NZ Datasheet
143Kb / 3P
40 Watt | DC-DC Converter
logo
Wall Industries,Inc.
DCMFPU01H WALL-DCMFPU01H Datasheet
347Kb / 5P
1 Watt DC/DC Converter Single and Dual Outputs
CRW WALL-CRW Datasheet
355Kb / 5P
40 Watt DC/DC Power Converters Single and Dual Outputs
DHW40 WALL-DHW40 Datasheet
796Kb / 12P
40 Watts DC/DC Power Converter Single & Dual Outputs
YFW WALL-YFW Datasheet
477Kb / 7P
20 Watts DC/DC Converter Single, Dual, and Triple Outputs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com