Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPL12 Datasheet(PDF) 2 Page - Tyco Electronics

Part # DPL12
Description  12mm Rotary Encoder with LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DPL12 Datasheet(HTML) 2 Page - Tyco Electronics

  DPL12 Datasheet HTML 1Page - Tyco Electronics DPL12 Datasheet HTML 2Page - Tyco Electronics DPL12 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Literature No. 1-1773449-0
Issued: 02-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
12mm Rotary Encoder with LED
Type DPL12 Series
Dimensions
DPL12V
LED Characteristics -
Without Switch
Reverse Current
[IR] = 10uA
Reverse Voltage
5V
Operating Temperature
-40 - +85 deg C
Emitted
Power
DC Forward
Forward Voltage
Colour
Dissipation
Current
Typical
Max.
Blue
100mW
20mA
3.2V
4.0V
Red
58mW
25mA
1.8V
2.3V
Green
48mW
20mA
2.0V
2.4V
With Switch
Reverse Current
[IR] = 10uA
Reverse Voltage
5V
Operating Temperature
-40 - +85 deg C
Emitted
Power
DC Forward
Peak Forward
Forward Voltage
Colour
Dissipation
Current
Current
Typical
Max.
Red
170mW
30mA
185mA
1.95V
2.5V
Orange
75mW
30mA
195mA
2.1V
2.5V
Blue
105mW
30mA
150mA
3.3V
4.0V
Green
105mW
25mA
130mA
3.1V
3.8V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com