Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1851 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS1851
Description  1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1851 Datasheet(HTML) 3 Page - STMicroelectronics

  TS1851 Datasheet HTML 1Page - STMicroelectronics TS1851 Datasheet HTML 2Page - STMicroelectronics TS1851 Datasheet HTML 3Page - STMicroelectronics TS1851 Datasheet HTML 4Page - STMicroelectronics TS1851 Datasheet HTML 5Page - STMicroelectronics TS1851 Datasheet HTML 6Page - STMicroelectronics TS1851 Datasheet HTML 7Page - STMicroelectronics TS1851 Datasheet HTML 8Page - STMicroelectronics TS1851 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TS1851-TS1852-TS1854
3/17
ELECTRICAL CHARACTERISTICS
V
CC = +1.8V,Vee = 0V,
T
amb =25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage
TS1851/2/4
TS1851A/2A/4A
0.1
3
1
mV
∆V
io
Input Offset Voltage Drift
2
µV/°C
Iio
Input Offset Current 1)
1. Maximum values including unavoidable inaccuracies of the industrial test.
19
nA
Iib
Input Bias Current 1)
10
50
nA
CMR
Common Mode Rejection Ratio
0
≤ V
icm ≤ VCC
55
85
dB
SVR
Supply Voltage Rejection Ratio
V
icm = 0.5V
70
80
dB
Avd
Large Signal Voltage Gain
RL = 1OkΩ
R
L =2kΩ
80
70
100
88
dB
VOH
High Level Output Voltage
RL = 10kΩ
R
L =2kΩ
1.7
1.65
1.77
1.7
V
VOL
Low Level Output Voltage
RL = 10kΩ
R
L =2kΩ
40
62
70
90
mV
Io
Output Source Current
VID = 100mV, VO =VDD
Output Sink Current
V
ID = -100mV, VO =VCC
2
2
29
46
mA
ICC
Supply Current (per amplifier)
AVCL = 1, no load
120
170
µA
GBP
Gain Bandwith Product
RL = 10kΩ,CL = 100pF, f = 100kHz
300
480
kHz
SR
Slew Rate
RL = 10kΩ,CL = 100pF, AV = 1
0.1
0.18
V/
µs
φm
Phase Margin
CL = 100pF
60
Degrees
en
Input Voltage Noise
40
nV/
√Hz
THD
Total Harmonic Distortion
0.01
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com