Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS271AC Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS271AC
Description  PROGRAMMABLE CMOS SINGLE OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS271AC Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS271AC Datasheet HTML 6Page - STMicroelectronics TS271AC Datasheet HTML 7Page - STMicroelectronics TS271AC Datasheet HTML 8Page - STMicroelectronics TS271AC Datasheet HTML 9Page - STMicroelectronics TS271AC Datasheet HTML 10Page - STMicroelectronics TS271AC Datasheet HTML 11Page - STMicroelectronics TS271AC Datasheet HTML 12Page - STMicroelectronics TS271AC Datasheet HTML 13Page - STMicroelectronics TS271AC Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
50
40
30
20
10
0
-10
0
45
90
135
180
FREQUENCY, f (Hz)
T= 25
°C
V
= 10V
R = 100k
Ω
C = 100pF
A
= 100
amb
CC
L
L
VCL
PHASE
GAIN
Phase
Margin
Gain
Bandwidth
Product
+
2
10
6
10
5
10
4
10
3
10
7
10
Figure 15 :
Open Loop Frequency Response
and Phase Shift
SUPPLY VOLTAGE, V
(V)
CC
048
12
16
T= 25
°C
R
= 100k
Ω
C
= 100pF
A= 1
amb
L
L
V
0.4
0.5
0.6
0.7
0.8
0.8
Figure 16 :
Gain Bandwidth Product versus
Supply voltage
SUPPLY VOLTAGE, V
(V)
CC
amb
L
V
50
40
30
20
10
0
4812
16
T= 25
°C
R = 100k
Ω
C = 100pF
A= 1
L
Figure 17 :
Phase Margin versus Supply Voltage
CAPACITANCE, C
(pF)
L
50
40
30
20
20
40
60
80
100
0
T= 25
°C
R = 100k
Ω
A= 1
V
= 10V
amb
L
V
CC
Figure 18 :
Phase Margin versus Capacitive
Load
4
6
8
10
121416
SUPPLY VOLTAGE, V
(V)
CC
SR
SR
1.0
0.8
0.6
0.4
0.2
0
amb
L
T= 25
°C
R = 100k
Ω
C = 100pF
L
Figure 19 :
Slew Rates versus Supply Voltage
TYPICAL CHARACTERISTICS FOR ISET =25
µA (continued)
TS271C,I,M
10/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com