Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN608 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TYN608
Description  8A SCRs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN608 Datasheet(HTML) 3 Page - STMicroelectronics

  TYN608 Datasheet HTML 1Page - STMicroelectronics TYN608 Datasheet HTML 2Page - STMicroelectronics TYN608 Datasheet HTML 3Page - STMicroelectronics TYN608 Datasheet HTML 4Page - STMicroelectronics TYN608 Datasheet HTML 5Page - STMicroelectronics TYN608 Datasheet HTML 6Page - STMicroelectronics TYN608 Datasheet HTML 7Page - STMicroelectronics TYN608 Datasheet HTML 8Page - STMicroelectronics TYN608 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TN8, TS8 and TYNx08 Series
3/9
PRODUCT SELECTOR
ORDERING INFORMATION
Part Number
Voltage (xxx)
Sensitivity
Package
600 V
700 V
800 V
1000 V
TN805-xxxB
X
X
5 mA
DPAK
TN805-xxxH
X
X
5 mA
IPAK
TN815-xxxB
X
X
15 mA
DPAK
TN815-xxxH
X
X
15 mA
IPAK
TS820-xxxB
X
X
0.2 mA
DPAK
TS820-xxxH
X
X
0.2 mA
IPAK
TS820-xxxT
X
X
0.2 mA
TO-220AB
TYNx08
X
X
X
15 mA
TO-220AB
TN
8
05
-
600
B (-TR)
STANDARD
SCR
SERIES
CURRENT: 8A
SENSITIVITY:
05: 5mA
15: 15mA
VOLTAGE:
600: 600V
800: 800V
PACKAGE:
B: DPAK
H: IPAK
PACKING MODE:
Blank: Tube
-TR: DPAK Tape & Reel
TS
8 20 -
600 B (-TR)
SENSITIVE
SCR
SERIES
CURRENT: 8A
SENSITIVITY:
20: 200µA
VOLTAGE:
600: 600V
700: 700V
PACKAGE:
B: DPAK
H: IPAK
T: TO-220AB
PACKING MODE:
Blank: Tube
-TR: DPAK Tape & Reel
VOLTAGE:
6: 600V
8: 800V
10: 1000V
STANDARD
SCR
SERIES
CURRENT: 8A
TYN
6
08
(RG)
PACKING MODE
Blank: Bulk
RG: Tube



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com