Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B39871-R2709-U310 Datasheet(PDF) 3 Page - EPCOS

Part # B39871-R2709-U310
Description  SAW Components Resonator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39871-R2709-U310 Datasheet(HTML) 3 Page - EPCOS

  B39871-R2709-U310 Datasheet HTML 1Page - EPCOS B39871-R2709-U310 Datasheet HTML 2Page - EPCOS B39871-R2709-U310 Datasheet HTML 3Page - EPCOS B39871-R2709-U310 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
May 09, 2001
SAW Components
R 2709
868,30 MHz
Resonator
Data Sheet
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating Source impedance:
ZS = 50 Ω
Terminating Load impedance:
ZL = 50 Ω
1) Temperature dependence of fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
min.
typ.
max.
Center frequency
fc
868,10
868,30
868,50
MHz
(center frequency between 3 dB points)
Minimum insertion attenuation
α
min
7,0
9,0
dB
Phase at fc
ϕ
130
˚ el.
Loaded quality factor
QL
3000
3600
Unloaded quality factor
QU
5500
6600
Ageing of fc
——
−10/+40 ppm
Equivalent circuit elements
Motional capacitance
C1
0,279
fF
Motional inductance
L1
120,4
µH
Motional resistance
R1
100
Input / Output capacitance
C0
1,9
pF
Temperature coefficient of frequency 1)
TCf
–0,03
ppm/K2
Turnover temperature
T0
15
35
˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com