Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS271BC Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS271BC
Description  PROGRAMMABLE CMOS SINGLE OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS271BC Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS271BC Datasheet HTML 3Page - STMicroelectronics TS271BC Datasheet HTML 4Page - STMicroelectronics TS271BC Datasheet HTML 5Page - STMicroelectronics TS271BC Datasheet HTML 6Page - STMicroelectronics TS271BC Datasheet HTML 7Page - STMicroelectronics TS271BC Datasheet HTML 8Page - STMicroelectronics TS271BC Datasheet HTML 9Page - STMicroelectronics TS271BC Datasheet HTML 10Page - STMicroelectronics TS271BC Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TYPICAL CHARACTERISTICS FOR ISET = 1.5
µA (continued)
50
40
30
20
10
0
-10
0
45
90
135
180
FREQUENCY, f (Hz)
2
10
amb
CC
+
L
L
VCL
Gain
Bandw idth
Produc t
Phase
Margin
PHASE
GAIN
T= 25
°C
V
= 10V
R= 1M
Ω
C = 100pF
A
= 100
6
10
5
10
4
10
3
10
Figure 6 :
Open Loop Frequency Response
and Phase Shift
SUPPLY VOLTAGE, V
(V)
CC
04
8
12
16
120
100
80
60
40
T= 25
°C
R= 1M
Ω
C
= 100pF
A= 1
amb
L
L
V
Figure 7 :
Gain Bandwidth Product versus
Supply voltage
SUPPLY VOLTAGE, V
(V)
CC
amb
L
V
10
8
6
4
2
0
4812
16
T= 25
°C
R= 1M
Ω
C = 100pF
A= 1
L
Figure 8 :
Phase Margin versus Supply Voltage
40
30
20
10
20
40
60
80
100
0
T= 25
°C
R= 1M
Ω
A= 1
V
= 10V
amb
L
V
CC
CAPACITANCE, C (pF)
L
Figure 9 :
Phase Margin versus Capacitive
Load
46
810
12
14
16
SUPPLY VOLTAGE, V
(V)
CC
SR
SR
0.07
0.06
0.05
0.04
0.03
0.02
0.01
T= 25
°C
R= 1M
Ω
C = 100pF
amb
L
L
Figure 10 :
Slew Rates versus Supply Voltage
TS271C,I,M
7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com