Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1851AI Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS1851AI
Description  1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1851AI Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS1851AI Datasheet HTML 9Page - STMicroelectronics TS1851AI Datasheet HTML 10Page - STMicroelectronics TS1851AI Datasheet HTML 11Page - STMicroelectronics TS1851AI Datasheet HTML 12Page - STMicroelectronics TS1851AI Datasheet HTML 13Page - STMicroelectronics TS1851AI Datasheet HTML 14Page - STMicroelectronics TS1851AI Datasheet HTML 15Page - STMicroelectronics TS1851AI Datasheet HTML 16Page - STMicroelectronics TS1851AI Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
TS1851-TS1852-TS1854
16/17
TS1854IPT
PACKAGE MECHANICAL DATA
14 PINS - THIN SHRINK SMALL OUTLINE PACKAGE
Dim.
Millim eters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.20
0.05
A1
0.05
0.15
0.01
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.15
c
0.09
0.20
0.003
0.012
D
4.90
5.00
5.10
0.192
0.196
0.20
E
6.40
0.252
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
0.65
0.025
k0
°
8
°
0
°
8
°
l
0.50
0.60
0.75
0.09
0.0236
0.030
c
k
E
A
A2
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com