Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPD Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MPD
Description  Molded, SOT-143 Resistor Network
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MPD Datasheet(HTML) 2 Page - Vishay Siliconix

  MPD Datasheet HTML 1Page - Vishay Siliconix MPD Datasheet HTML 2Page - Vishay Siliconix MPD Datasheet HTML 3Page - Vishay Siliconix MPD Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPD/MPDA
Molded, SOT-143 Resistor Network
Vishay Thin Film
Document Number: 60016
For technical questions, contact: thin-film@vishay.com
www.vishay.com
Revision: 17-Sep-07
13
DIMENSIONS AND IMPRINTING in millimeters
DERATING CURVE
100 % = 0.20 W
MECHANICAL SPECIFICATIONS
Resistive Element
Passivated Nichrome
Substrate Material
Silicon
Body
Molded epoxy
Terminals
Copper alloy #42 Sn62 plated
Lead Coplanarity
3 Mils Max.
Lead (Pb)-free Option
100 % Sn Matte
Lead (Pb)-free Finish
Plated
Seating
Plane
b2
A2
A1
A
E1 E
e1
3 x b
e
D
e2
B
See View C
Seating Plane
Gauge Plane
Ø
0.25
L
L1
b1
b3
(b)
(b2)
Base Metal
With Plating
c
c1
VIEW C
DIMENSION
MIN.
NOM.
MAX.
A0.80
-
1.22
A1
0.05
-
0.15
A2
0.75
0.90
1.07
b0.30
-
0.50
b1
0.30
0.40
0.45
b2
0.76
-
0.89
b3
0.76
0.80
0.84
c0.08
-
0.20
c1
0.08
0.10
0.16
D
2.80
2.90
3.04
E2.10
-
2.64
E1
1.20
1.30
1.40
e1.92 BSC
e1
0.20 BSC
L
0.40
0.50
0.60
L1
0.54 REF.
N4
Ø0"
-
8"
Ambient Temperature °C
0
70
125
150
0
20
40
60
80
100
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: MPD1002AWS (preferred part number format)
GLOBAL MODEL
(3 or 4 digits)
RESISTANCE
(4 or 8 digits)
TOLERANCE AND
RATIO TOLERANCE
PACKAGING
MPD
(Two resistors Tin Lead)
MPDT
(Two resistors Lead
(Pb)-free)
(e3)
The first 3 digits are significant
figures
and
the
last
digit
specifies the number of zeros to
follow. When like values are
required use total resistance.
When dual values are required
list both values.
Example:
1002 = 10K (5K/5K)
1003 = 100K (50K/50K)
Abs. Tol.
A = ± 0.1 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1 %
Ratio
± 0.05 %
± 0.1 %
± 0.1 %
± 0.1 %
± 0.5 %
BS = BULK 100 Min 1 Mult
WS = WAFFLE 100 Min 1 Mult
TAPE AND REEL
T1 = 1000 Min 1000 Mult
Historical Part Number example: MPD1002BW (will continue to be accepted)
MPD
1002
B
W
SERIES
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
PACKAGING
P
D
T
100
M
3B
T
1
P
D
1002
M
AW
S



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com