Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPDT1002CBS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MPDT1002CBS
Description  Molded, SOT-143 Resistor Network
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MPDT1002CBS Datasheet(HTML) 3 Page - Vishay Siliconix

  MPDT1002CBS Datasheet HTML 1Page - Vishay Siliconix MPDT1002CBS Datasheet HTML 2Page - Vishay Siliconix MPDT1002CBS Datasheet HTML 3Page - Vishay Siliconix MPDT1002CBS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPD/MPDA
Vishay Thin Film
Molded, SOT-143 Resistor Network
www.vishay.com
For technical questions, contact: thin-film@vishay.com
Document Number: 60016
14
Revision: 17-Sep-07
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: MPDAT3002AWS (preferred part number format)
GLOBAL MODEL
(4 or 5 digits)
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
PACKAGING
MPDA
(Three equal
series resistors
Tin/lead)
MPDAT
(Three equal
series resistors)
(Lead (Pb)-free)
(e3)
First
3 digits
are
significant
figures
and
the
last
digit
specifies the number of zeros to
follow. When like values are
required use total resistance.
Example:
3002 = Three 10 k
Ω resistors
Abs. Tol.
A = ± 0.1 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1 %
Ratio
± 0.05 %
± 0.1 %
± 0.1 %
± 0.1 %
± 0.5 %
BS = BULK 100 Min 1 Mult
WS = WAFFLE 100 Min 1 Mult
TAPE AND REEL
T1 = 1000 Min 1000 Mult
Historical Part Number example: MPDA3002BT (will continue to be accepted)
MPDA
3002
B
T
SERIES
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
PACKAGING
DA
T
3
0
0
2
A
W
S
MP
D
A
30
02
A
W
S
MP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com