Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPDT1003CBS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MPDT1003CBS
Description  Molded, SOT-143 Resistor Network
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MPDT1003CBS Datasheet(HTML) 1 Page - Vishay Siliconix

  MPDT1003CBS Datasheet HTML 1Page - Vishay Siliconix MPDT1003CBS Datasheet HTML 2Page - Vishay Siliconix MPDT1003CBS Datasheet HTML 3Page - Vishay Siliconix MPDT1003CBS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Molded, SOT-143 Resistor Network
MPD/MPDA
Vishay Thin Film
www.vishay.com
For technical questions, contact: thin-film@vishay.com
Document Number: 60016
12
Revision: 17-Sep-07
VISHAY Thin Film MPD Series Dividers provide ± 2 ppm/°C
tracking and a ratio tolerance as tight as ± 0.05 %, small
size, and exceptional stability for all surface mount applica-
tions. The standard SOT-143 package format with unity and
common standard resistance divider ratios provide easy
selection for most applications requiring matched pair resis-
tor elements. The ratios listed are available for off the shelf
convenience, if you require a non-standard ratio, consult the
applications engineering group as we may be able to meet
your requirements with a custom design.
MPD SCHEMATIC
FEATURES
• Lead (Pb)-free available
• Tight Ratio Tolerances to 0.05 %
• ± 2 ppm Tracking
• Standard Values Stocked
• Standard SOT-143 Footprint
TYPICAL PERFORMANCE
MPDA SCHEMATIC
Note: Tantalum Nitride film is available on special orders
* Pb containing terminations are not RoHS compliant, exemptions may apply
Actual Size
1
4
R1
2
3
R2
ABS
TRACKING
TCR
25
2
ABS
RATIO
TOL
0.1
0.05
STANDARD VALUES
MODEL
R2 (Ω)R1 (Ω)R3 (Ω)
MPD
100K
100K
-
50K
50K
-
25K
25K
-
20K
20K
-
10K
10K
-
5K
5K
-
2K
2K
-
1K
1K
-
MPDA
10K
10K
10K
(R1 ref)
1
4
2
3
R2
R1
R3
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated Nichrome
TCR:
Tracking
± 2 ppm/°C (typical)
- 55 °C to + 125 °C
Absolute
± 25 ppm/°C
- 55 °C to + 125 °C
Tolerance:
Ratio
± 0.5 % to ± 0.05 %
+ 25 °C
Absolute
± 1.0 % to ± 0.1 %
+ 25 °C
Power Rating:
Resistor
100 mW
Max. at + 70 °C
Package
200 mW
Max. at + 70 °C
Stability:
ΔR Absolute
0.10 %
2000 hours at + 70 °C
ΔR Ratio
0.03 %
2000 hours at + 70 °C
Voltage Coefficient
0.1 ppm/V
Working Voltage
100 V Max.
Operating Temperature Range
- 55 °C to + 125 °C
Storage Temperature Range
- 55 °C to + 125 °C
Noise
< - 25 dB
Thermal EMF
0.2 µV/°C
Shelf Life Stability (Ratio)
50 ppm Max.
1 year at + 25 °C
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - MPDT1003CBS

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MPDTH03010WAH MURATA-MPDTH03010WAH Datasheet
151Kb / 6P
Adjustable Non-isolated 12/15-Amp POLA DC/DC Converters
MPDTH03010WAS MURATA-MPDTH03010WAS Datasheet
151Kb / 6P
Adjustable Non-isolated 12/15-Amp POLA DC/DC Converters
MPDTH03050WAH MURATA-MPDTH03050WAH Datasheet
136Kb / 6P
Adjustable Non-isolated 6-Amp
MPDTH03050WAS MURATA-MPDTH03050WAS Datasheet
136Kb / 6P
Adjustable Non-isolated 6-Amp
MPDTH03060WAH MURATA-MPDTH03060WAH Datasheet
177Kb / 6P
Adjustable Non-isolated 10-Amp POLA DC/DC Converters
More results

Similar Description - MPDT1003CBS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VRD330K470MTF VISHAY-VRD330K470MTF Datasheet
98Kb / 4P
Molded, SOT-23 Resistor/Capacitor Network
01-Jul-08
TSP VISHAY-TSP Datasheet
120Kb / 3P
Molded, Commercial, Single In-Line Resistor Network (Standard)
05-Mar-08
MPM VISHAY-MPM Datasheet
302Kb / 3P
Molded, SOT-23 Resistor Network
14-May-07
logo
IRC - a TT electronics ...
DBP-M954-01-1002-G IRCTT-DBP-M954-01-1002-G Datasheet
171Kb / 3P
TaNFilm Precision Molded DIP Resistor Network
logo
List of Unclassifed Man...
MB-3 ETC2-MB-3 Datasheet
1Mb / 1P
Fits SOT-143 amplifier packages
logo
Bourns Electronic Solut...
4304K-L BOURNS-4304K-L Datasheet
30Kb / 2P
Resistor Network
4308S-L BOURNS-4308S-L Datasheet
30Kb / 2P
Resistor Network
logo
Vishay Siliconix
MPMT2001AT5 VISHAY-MPMT2001AT5 Datasheet
290Kb / 3P
Molded, SOT-23 Resistor, Surface Mount Network
25-Jan-10
MPM VISHAY-MPM_17 Datasheet
105Kb / 3P
Molded, SOT-23 Thin Film Resistor, Surface Mount Divider Network
12-Jul-13
MPMA VISHAY-MPMA Datasheet
103Kb / 4P
Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor, Surface Mount Network, AEC-Q200 Qualified
03-Nov-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com