Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MSP
Description  Thick Film Resistor Networks Single-In-Line, Molded SIP; 01, 03, 05 Schematics 6, 8, 9 or 10 Pin “A” Profile and 6, 8 or 10 Pin “C” Profile
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSP Datasheet(HTML) 2 Page - Vishay Siliconix

  MSP Datasheet HTML 1Page - Vishay Siliconix MSP Datasheet HTML 2Page - Vishay Siliconix MSP Datasheet HTML 3Page - Vishay Siliconix MSP Datasheet HTML 4Page - Vishay Siliconix MSP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 31510
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 28-Jul-06
2
MSP
Thick Film Resistor Networks Single-In-Line, Molded SIP;
01, 03, 05 Schematics 6, 8, 9 or 10 Pin "A" Profile
and 6, 8 or 10 Pin "C" Profile
Vishay Dale
DIMENSIONS in inches [millimeters]
A
Max.
D Max.
0.135 + 0.015
- 0.010
[3.43 + 0.381
- 0.254]
B
C Equal Space
0.016 ± 0.003
[0.406 ± 0.076]
0.100 ± 0.010
[2.54 ± 0.254]
Non-Accumulative
0.040 ± 0.010
[1.02 ± 0.254]
0.015
[0.381]
Min.
PIN #1
0.012 ± 0.003
[0.305 ± 0.076]
0.090 [2.29]
Max.
GLOBAL MODEL
A (Max.)
B
C
D (Max.)
MSP06
0.590 [14.99]
0.500 [12.70]
5
MSPxxA = 0.195 [4.95]
MSPxxC = 0.350 [8.89]
MSP08
0.790 [20.07]
0.700 [17.78]
7
MSP10
0.990 [25.15]
0.900 [22.86]
9
MSP09
0.890 [22.61]
0.800 [20.32]
8
0.195 [4.95] ONLY
TECCHNICAL SPECIFICATIONS
PARAMETER
UNIT
MSP SERIES
Package Power Rating
Maximum at + 25 °C and + 70 °C
See Derating Curves
Voltage Coefficient of Resistance
Veff
< 50 ppm typical
Dielectric Strength
VAC
200
Isolation Resistance (03 Schematic)
Ω
> 100M
Operating Temperature Range
°C
- 55 to + 125
Storage Temperature Range
°C
- 55 to + 150
MECHANICAL SPECIFICATIONS
Marking Resistance to Solvents:
Permanency testing per MIL-STD-202, Method 215
Solderability:
Per MIL-STD-202, Method 208E, RMA flux
Body:
Molded epoxy
Terminals:
Copper alloy, solder plated
Weight:
MSP06A = 0.4 gram
MSP06C = 0.7 gram
MSP08A = 0.5 gram
MSP08C = 0.9 gram
MSP09A = 0.55 gram
MSP10C = 1.1 gram
MSP10A = 0.6 gram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com