Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM08C Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MSM08C
Description  Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSM08C Datasheet(HTML) 4 Page - Vishay Siliconix

  MSM08C Datasheet HTML 1Page - Vishay Siliconix MSM08C Datasheet HTML 2Page - Vishay Siliconix MSM08C Datasheet HTML 3Page - Vishay Siliconix MSM08C Datasheet HTML 4Page - Vishay Siliconix MSM08C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 31514
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 25-Jul-08
4
MSM (Military M83401)
Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified,
Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
Vishay Dale
CIRCUIT APPLICATIONS
01 Schematic
5, 7 or 9 resistors with one pin common
“A” Profile
“C” Profile
MSM06A01 (M8340107xxxxxxC)
MSM06C01 (M8340104xxxxxxC)
MSM08A01 (M8340108xxxxxxC)
MSM08C01 (M8340105xxxxxxC)
MSM10A01 (M8340109xxxxxxC)
MSM10C01 (M8340106xxxxxxC)
The MSM06A01, MSM08A01, MSM10A01, MSM06C01, MSM08C01 and
MSM10C01 molded single-in-line resistor networks provide the user with a
choice of 5, 7 or 9 nominally equal resistors, each connected to a common
pin (Pin No. 1).
Commonly used in the following applications:
• “Wired OR” Pull-up
• Open Collector Pull-up
• Power Gate Pull-up
• TTL Input Pull-down
• MOS/ROM Pull-up/Pull-down
• TTL Unused Gate Pull-up
03 Schematic
3, 4 or 5 isolated resistors
“A” Profile
“C” Profile
MSM06A03 (M8340107xxxxxxG)
MSM06C03 (M8340104xxxxxxG)
MSM08A03 (M8340108xxxxxxG)
MSM08C03 (M8340105xxxxxxG)
MSM10A03 (M8340109xxxxxxG)
MSM10C03 (M8340106xxxxxxG)
The MSM06A03, MSM08A03, MSM10A03, MSM06C03, MSM08C03 and
MSM10C03 molded single-in-line resistor networks provide the user with a
choice of 3, 4 or 5 nominally equal resistors. Each resistor is isolated from all
others.
Commonly used in the following applications:
• “Wired OR” Pull-up
• Long-Line Impedance Balance
• Power Driven Pull-up
• LED Current Limiting
• Power Gate Pull-up
• ECL Output Pull-down
• Line Termination
• TTL Input Pull-down
05 Schematic
4, 6 or 8 isolated resistors
“A” Profile
“C” Profile
MSM06A05 (M8340107xxxxxxH)
MSM06C05 (M8340104xxxxxxH)
MSM08A05 (M8340108xxxxxxH)
MSM08C05 (M8340105xxxxxxH)
MSM10A05 (M8340109xxxxxxH)
MSM10C05 (M8340106xxxxxxH)
The MSM06A05, MSM08A05, MSM10A05, MSM06C05, MSM08C05
and MSM10C05 molded single-in-line resistor networks provide the
user with a choice of 4, 6 or 8 pair of R1/R2 resistor values for pulse
squaring and TTL dual-line terminating requirements.
PERFORMANCE
TEST
CONDITIONS
MAX.
ΔR (Typical Test Lots)
Power Conditioning
1.5 x rated power, applied 1.5 h “ON” and 0.5 h “OFF” for 100 h ± 4 h
at + 25 °C ambient temperature
± 0.50 %
ΔR
Thermal Shock
5 cycles between - 65 °C and + 125 °C
± 0.50 %
ΔR
Short Time Overload
2.5 x rated working voltage for 5 s
± 0.25 %
ΔR (Characteristic K)
± 0.50 %
ΔR (Characteristic M)
Low Temperature Operation
45 min at full rated working voltage at - 65 °C
± 0.25 %
ΔR (Characteristic K)
± 0.50 %
ΔR (Characteristic M)
Moisture Resistance
240 h with humidity ranging from 80 % RH to 98 % RH
± 0.50 %
ΔR
Resistance to Soldering Heat
Leads immersed in + 260 °C solder to within 1/16" of body for 10 s
± 0.25 %
ΔR
Shock
Total of 18 shocks at 100 G's
± 0.25 %
ΔR
Vibration
12 h at maximum of 20 G's between 10 and 2000 Hz
± 0.25 %
ΔR
Load Life
1000 h at + 70 °C, rated power applied 1.5 h “ON”,
0.5 h “OFF” for full 1000 h period
± 0.50 %
ΔR (Characteristic K)
± 2.00 %
ΔR (Characteristic M)
Terminal Strength
4 1/2 pound pull for 30 s
± 0.25 %
ΔR
Insulation Resistance
10 000 M
Ω (minimum)
-
Dielectric Withstanding
No evidence of arcing or damage (200 VRMS for 1 min)
-
1
2
3
n-1
n
1
2 3
4
n-1
n
1
2
3
n-1
n
R
2
R
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com