Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS339C Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS339C
Description  MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS339C Datasheet(HTML) 1 Page - STMicroelectronics

  TS339C Datasheet HTML 1Page - STMicroelectronics TS339C Datasheet HTML 2Page - STMicroelectronics TS339C Datasheet HTML 3Page - STMicroelectronics TS339C Datasheet HTML 4Page - STMicroelectronics TS339C Datasheet HTML 5Page - STMicroelectronics TS339C Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS339C,I,M
MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
.
EXTREMELY LOW SUPPLY CURRENT :
9
µA TYP / COMPARATOR
.
WIDE SINGLE SUPPLY RANGE (3V TO 16V)
OR DUAL SUPPLIES (
±1.5V TO ±8V)
.
EXTREMELY LOW INPUT BIAS CURRENT :
1pA TYP
.
EXTREMELY LOW INPUT OFFSET
CURRENT : 1pA TYP
.
INPUT COMMON-MODE VOLTAGE RANGE
INCLUDES GND
.
HIGH INPUT IMPEDANCE : 10
12
Ω TYP
.
FAST RESPONSE TIME : 1.5
µs TYP FOR
5mV OVERDRIVE
.
PIN-TO-PIN AND FUNCTIONALLY
COMPATIBLE WITH BIPOLAR LM339
Inverting Input 2
Output 2
Non-inverting Input 2
Output 1
Inverting Input 1
Non-inverting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+-
+
-
+-
+
PIN CONNECTIONS (top view)
N
DIP14
(Plastic Package)
D
SO14
(Plastic Micropackage)
®
September 1998
ORDER CODES
Part Number
Temperature
Range
Package
ND
P
TS339C
0
oC, +70oC
qq
q
TS339I
-40
oC, +125oC
qq
q
TS339M
-55
oC, +125oC
qq
q
Example : TS339CN
DESCRIPTION
The TS339 is a micropower CMOS quad voltage
comparator with extremely low consumption of
9
µA typ / comparator (20 times less than bipolar
LM339). Similar performances are offered by the
quad micropower comparator TS3704 with a push-
pull CMOS output.
Thus response times remain similar to the LM339.
P
TSSOP14
(Thin Shrink Small Outline Package)
1/6


Similar Part No. - TS339C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS339CD STMICROELECTRONICS-TS339CD Datasheet
124Kb / 9P
Micropower Quad CMOS Voltage Comparators
Aug-2005
logo
Taiwan Semiconductor Co...
TS339CD TSC-TS339CD Datasheet
137Kb / 6P
Quad Voltage Comparator
TS339CD14C4 TSC-TS339CD14C4 Datasheet
218Kb / 7P
Low Power Low Offset Quad Comparators
logo
STMicroelectronics
TS339CDT STMICROELECTRONICS-TS339CDT Datasheet
124Kb / 9P
Micropower Quad CMOS Voltage Comparators
Aug-2005
TS339CN STMICROELECTRONICS-TS339CN Datasheet
124Kb / 9P
Micropower Quad CMOS Voltage Comparators
Aug-2005
More results

Similar Description - TS339C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3704C STMICROELECTRONICS-TS3704C Datasheet
51Kb / 6P
MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
Jan-1999
TS3V339 STMICROELECTRONICS-TS3V339 Datasheet
59Kb / 6P
3V MICROPOWER QUAD VOLTAGE COMPARATORS
Oct-1997
TS3V3704 STMICROELECTRONICS-TS3V3704 Datasheet
59Kb / 6P
3V MICROPOWER QUAD VOLTAGE COMPARATORS
Oct-1997
logo
Texas Instruments
TLC3704 TI-TLC3704 Datasheet
350Kb / 31P
QUAD MICROPOWER LinCMOSE VOLTAGE COMPARATORS
TLC3704-Q1 TI-TLC3704-Q1 Datasheet
383Kb / 23P
QUAD MICROPOWER LINCMOS VOLTAGE COMPARATORS
logo
STMicroelectronics
TS339 STMICROELECTRONICS-TS339_05 Datasheet
124Kb / 9P
Micropower Quad CMOS Voltage Comparators
Aug-2005
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
26-Feb-2007
logo
Texas Instruments
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
logo
STMicroelectronics
TSX3704 STMICROELECTRONICS-TSX3704 Datasheet
990Kb / 22P
Micropower quad CMOS voltage comparators
29-Feb-2016
logo
Texas Instruments
TLC3704 TI1-TLC3704_16 Datasheet
1Mb / 37P
QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com