Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM8GS Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # EM8GS
Description  Clipped Sinewave 8 pin DIL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

EM8GS Datasheet(HTML) 1 Page - EUROQUARTZ limited

  EM8GS Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
TCXO
Clipped Sinewave 8 pin DIL
EM8GS Series
DESCRIPTION
8 pin DIL package, hermetically sealed
Frequency range: 9.6MHz to 27.0MHz
Supply voltage 2.8 to 5.0 Volts
Customized specifications available
RoHS compliant
EM8GS series TCXOs are packaged in the industry-standard 14 pin
Dual-in-Line package. With Clipped Sinewave output, tolerances are
available from ±1.0ppm over 0° to 50°C to ±1ppm over -30° to
+70°C. Supply voltage 2.8 to 5.0 Volts.
EM8GS - OUTLINES AND DIMENSIONS
FREQUENCY STABILITY
Frequency Range
+3.0 V
+5.0 V
10.0MHz to 13MHz
1.3mA
2.0mA
13.1MHz to 20MHz
1.5mA
2.2mA
20.1MHz to 27MHz
2.0mA
2.5mA
CURRENT CONSUMPTION
SPECIFICATION
Product Series Code
TCXO:
EM8GS
VCTCXO:
VEM8GS
Frequency Range:
9.6MHz to 27.0MHz
Output Waveform:
Clipped Sinewave
Initial Calibration Tolerance**:
<±1ppm at 25°C
Standard Frequencies:
10.0, 12.80, 13.0, 14.40,
15.36, 16.384, 19.2, 19.440,
and 19.68MHz (Partial list)
Operating Temperature Range:
See table
Frequency Stability
vs. Ageing:
±1.0 ppm max. first year
vs. Voltage Change:
±0.3 ppm max. ±5% change
vs. Load Change:
±0.3 ppm max. ±10% change
vs. Reflow:
±1ppm max. for one reflow
(Measured after 24 hours)
Supply Voltage:
+2.8, +3.0 or +5.0Volts
(Specify when ordering)
Output Voltage Level:
0.8V p-p minimum
Start-up Time:
2ms typical, 5ms max.
Current Consumption:
See table below
Output Load:
10kOhm//10pF ±10%
Harmonic Distortion:
-10dB typical, -7dB max.
SSB Phase Noise:
See table
Output Format:
DC block, AC coupled
Storage Temperature:
-50° to +100°C
PART NUMBERING PROCEDURE
Example:
EM8GS3-19.44-2.5/-30+75
Supply Voltage
28 = 2.8 VDC
3 = 3.0 VDC
5 = 5.0 VDC
Frequency (MHz)
Stability over OTR (±ppm)
Operating Temperature Range (OTR) (°C)
Lower and upper limits.
Series Description
TCXO = EM8GS
VCTCXO = VEM8GS
SSB Phase Noise
at 25°C
Offset
(Hz)
10
100
1k
10k
100k
EM8GS
13MHz
(dBc/Hz)
-80
-115
-135
-148
-150
PHASE NOISE
Control Voltage:
Standard = +1.5±1.0Volts for all input
voltages. (Contact technical sales if
+2.5±2.0 Volts is required.)
Frequency Deviation:
±6.0 ppm min.
Slope Polarity:
Positive (increase of control voltage increases
output frequency.)
Input Impedance:
1.0M
min.
Modulation Bandwidth: 3.0kHz min. measured at -3dB
Linearity:
10% max.
VEM8GS VOLTAGE CONTROL SPECIFICATION
Frequency Stability (ppm)
±0.5
±1.0
±1.5
±2.0
±2.5
Temperature
Range (°C)
0 ~ +50
ASK
P
P
P
P
-10 ~ +60
x
P
P
P
P
-20 ~ +70
x
x
P
P
P
-30 ~ +75
x
x
x
P
PP
-40 ~ +85
x
x
x
x
P
P
= available, x = not available, ASK = call Technical Sales
FREQUENCY STABILITY


Similar Part No. - EM8GS

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EM8GT EUROQUARTZ-EM8GT Datasheet
116Kb / 1P
HCMOS, 8 pin DIL, MHz Range
EM8GT28-38.880-2.5-30 EUROQUARTZ-EM8GT28-38.880-2.5-30 Datasheet
116Kb / 1P
HCMOS, 8 pin DIL, MHz Range
EM8GT3-38.880-2.5-30 EUROQUARTZ-EM8GT3-38.880-2.5-30 Datasheet
116Kb / 1P
HCMOS, 8 pin DIL, MHz Range
EM8GT33-200.00-2.5-30 EUROQUARTZ-EM8GT33-200.00-2.5-30 Datasheet
116Kb / 1P
HCMOS 8 pin DIL, V Group
EM8GT33-32.768-2.5-30 EUROQUARTZ-EM8GT33-32.768-2.5-30 Datasheet
114Kb / 1P
HCMOS 8 pin DIL, kHz Range
More results

Similar Description - EM8GS

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EM8S EUROQUARTZ-EM8S Datasheet
101Kb / 1P
Clipped Sinewave 8 pin DIL
EM9GS EUROQUARTZ-EM9GS Datasheet
111Kb / 1P
Clipped Sinewave 8 pin DIL
EM9S EUROQUARTZ-EM9S Datasheet
105Kb / 1P
Clipped Sinewave 8 pin DIL
EM14S EUROQUARTZ-EM14S Datasheet
106Kb / 1P
Clipped Sinewave 14 pin DIL
EM15GS EUROQUARTZ-EM15GS Datasheet
112Kb / 1P
Clipped Sinewave 14 pin DIL
EM15S EUROQUARTZ-EM15S Datasheet
107Kb / 1P
Clipped Sinewave 14 pin DIL
EM38GS EUROQUARTZ-EM38GS Datasheet
111Kb / 1P
Clipped Sinewave 14 pin DIL compatible
EM38S EUROQUARTZ-EM38S Datasheet
106Kb / 1P
Clipped Sinewave 14 pin DIL compatible
EM39GS EUROQUARTZ-EM39GS Datasheet
110Kb / 1P
Clipped Sinewave 14 pin DIL compatible
EM39S EUROQUARTZ-EM39S Datasheet
105Kb / 1P
Clipped Sinewave 14 pin DIL compatible
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com