Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS27M2BCN Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS27M2BCN
Description  PRECISION LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS27M2BCN Datasheet(HTML) 6 Page - STMicroelectronics

  TS27M2BCN Datasheet HTML 1Page - STMicroelectronics TS27M2BCN Datasheet HTML 2Page - STMicroelectronics TS27M2BCN Datasheet HTML 3Page - STMicroelectronics TS27M2BCN Datasheet HTML 4Page - STMicroelectronics TS27M2BCN Datasheet HTML 5Page - STMicroelectronics TS27M2BCN Datasheet HTML 6Page - STMicroelectronics TS27M2BCN Datasheet HTML 7Page - STMicroelectronics TS27M2BCN Datasheet HTML 8Page - STMicroelectronics TS27M2BCN Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TS27M2C,I,M
6/9
Figure 5 : Open Loop Frequency Response and
Phase Shift
Figure 6 : Gain Bandwidth Product versus Supply
Voltage
Figure 7 : Phase Margin versus Supply Voltage
Figure 8 : Phase Margin versus Capacitive Load
Figure 9 : Slew Rate versus Supply Voltage
Figure 10 : Input Voltage Noise versus
Frequency
50
40
30
20
10
0
-10
6
10
10
23
10
4
10
5
10
7
10
0
45
90
135
180
FREQUENCY, f (Hz)
T
= 25˚C
V
= 10V
R = 100k
Ω
C = 100pF
A
= 100
amb
CC
L
L
VCL
PHASE
GAIN
Phase
Margin
Gain
Bandwidth
Product
+
SUPPLY VOLTAGE, V
(V)
CC
0
4
8
12
16
1800
1400
1000
600
200
T
= 25˚C
R
= 100k
Ω
C = 100pF
A
= 1
amb
L
L
V
0
4
8
12
16
SUPPLY VOLTAGE, V
(V)
CC
50
40
30
20
T
= 25˚C
R = 100k
Ω
C = 100pF
A
= 1
amb
L
L
V
0
20
40
60
80
100
CAPACITANCE, C (pF)
L
80
70
60
50
40
T
= 25˚C
R = 100k
Ω
A
= 1
V
= 10V
amb
L
V
CC
4
6
8
10
12
14
16
SUPPLY VOLTAGE, V
(V)
CC
amb
L
L
T
= 25˚C
R = 100k
Ω
C = 100pF
SR
SR
0.9
0.8
0.7
0.6
0.5
0.4
300
200
100
0
1
10
100
1000
FREQUENCY (Hz)
= 10V
= 25˚C
Tamb
VCC
= 100
Ω
R S



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com