Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NSR
Description  Wirewound Resistors, Noise Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NSR Datasheet(HTML) 2 Page - Vishay Siliconix

  NSR Datasheet HTML 1Page - Vishay Siliconix NSR Datasheet HTML 2Page - Vishay Siliconix NSR Datasheet HTML 3Page - Vishay Siliconix NSR Datasheet HTML 4Page - Vishay Siliconix NSR Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 30252
For technical questions, contact: ww2aresistors@vishay.com
www.vishay.com
Revision: 17-Oct-07
183
NSR
Wirewound Resistors, Noise Suppressor
Vishay Dale
TYPE 1 - NOISE SUPPRESSOR WITH CAPS
MECHANICAL DATA in millimeters (inches)
ELECTRICAL DATA
MECHANICAL DATA
CODE NUMBER
VALUE
TOLERANCE
INDUCTANCE
TYPICAL
LD
H
E
5 k
Ω
± 20 %
20 µH
20.0
(0.79)
3.88
(0.153)
2.85
(0.112)
15.1
(0.60)
2306 309 90035
5.2 k
Ω
± 15 %
15 µH
16.8
(0.66)
3.15
(0.124)
2.40
(0.094)
13.0
(0.52)
2306 309 90047
1 k
Ω
+ 20 %
- 10 %
16 µH
16.8
(0.66)
3.15
(0.124)
2.40
(0.094)
13.0
(0.52)
2306 309 90048
5 k
Ω
± 20 %
18 µH
23.7
(0.93)
3.88
(0.153)
2.85
(0.112)
18.8
(0.74)
2306 309 90053
1 k
Ω
± 20 %
10 µH
23.7
(0.93)
3.88
(0.153)
2.85
(0.112)
18.8
(0.74)
2306 309 90078
1 k
Ω
± 20 %
9 µH
26.0
(1.02)
3.88
(0.153)
2.85
(0.112)
20.3
(0.80)
2306 309 90085
1 k
Ω
± 20 %
5 µH
20.0
(0.79)
3.88
(0.153)
2.85
(0.112)
15.1
(0.60)
2306 309 90086
5 k
Ω
± 20 %
16 µH
23.7
(0.93)
3.88
(0.153)
2.85
(0.112)
18.8
(0.74)
2306 309 90094
15 k
Ω
± 20 %
72 µH
27.3
(1.08)
3.82
(0.15)
2.85
(0.112)
22.4
(0.88)
2306 309 90095
1.12 k
Ω
± 20 %
13 µH
11.9
(0.47)
4.35
(0.171)
2.85
(0.112)
6.4
(0.25)
2306 309 90101
2 k
Ω
± 20 %
14 µH
13.5
(0.53)
4.35
(0.171)
2.85
(0.112)
8.0
(0.32)
2306 309 90105
2 k
Ω
± 20 %
21 µH
27.3
(1.08)
3.88
(0.153)
2.85
(0.112)
22.4
(0.88)
2306 309 90106
2 k
Ω
± 20 %
8 µH
20.0
(0.79)
3.88
(0.153)
2.85
(0.112)
15.1
(0.60)
2306 309 90107
5 k
Ω
± 20 %
10 µH
23.7
(0.93)
3.88
(0.153)
2.85
(0.112)
18.8
(0.74)
2306 309 90108
2 k
Ω
± 20 %
9 µH
26.0
(1.02)
3.88
(0.153)
2.85
(0.112)
21.1
(0.83)
2306 309 90112
HE
L
D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com