Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5627BCPZ-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5627BCPZ-R2
Description  Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5627BCPZ-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5627BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD5627BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD5627BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD5627BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD5627BCPZ-R2 Datasheet HTML 22Page - Analog Devices AD5627BCPZ-R2 Datasheet HTML 23Page - Analog Devices AD5627BCPZ-R2 Datasheet HTML 24Page - Analog Devices AD5627BCPZ-R2 Datasheet HTML 25Page - Analog Devices AD5627BCPZ-R2 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD5627R/AD5647R/AD5667R, AD5627/AD5667
Rev. 0 | Page 22 of 32
FRAME 2
COMMAND BYTE
FRAME 1
SLAVE ADDRESS
19
9
1
SCL
START BY
MASTER
ACK. BY
AD56x7
ACK. BY
AD56x7
SDA
R/W
DB23
A0
A1
1
0
0
0
1
DB22 DB21 DB20 DB19 DB18 DB17 DB16
19
1
ACK. BY
AD56x7
ACK. BY
AD56x7
FRAME 4
LEAST SIGNIFICANT
DATA BYTE
FRAME 3
MOST SIGNIFICANT
DATA BYTE
9
STOP BY
MASTER
SCL
(CONTINUED)
SDA
(CONTINUED)
DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Figure 54. I2C Write Operation
FRAME 2
COMMAND BYTE
FRAME 1
SLAVE ADDRESS
19
9
1
SCL
START BY
MASTER
ACK. BY
AD56x7
ACK. BY
MASTER
SDA
R/W
DB23
A0
A1
1
0
0
0
1
DB22 DB21 DB20 DB19 DB18 DB17 DB16
19
1
ACK. BY
MASTER
NO ACK.
FRAME 4
LEAST SIGNIFICANT
DATA BYTE
FRAME 3
MOST SIGNIFICANT
DATA BYTE
9
STOP BY
MASTER
SCL
(CONTINUED)
SDA
(CONTINUED)
DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Figure 55. I2C Read Operation
SCL
0
0
0
0
1
X
X
X
0
0
0
1
1
A1
A0
R/W
SDA
19
19
NO ACK
SR
START BY
MASTER
ACK. BY
AD56x7
HS-MODE
MASTER CODE
SERIAL BUS
ADDRESS BYTE
FAST MODE
HIGH-SPEED MODE
Figure 56. Placing the AD5627RBRMZ-2/AD5667RBRMZ-2 in High Speed Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com