Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5734R Datasheet(PDF) 30 Page - Analog Devices

Part # AD5734R
Description  Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5734R Datasheet(HTML) 30 Page - Analog Devices

Back Button AD5734R Datasheet HTML 24Page - Analog Devices AD5734R Datasheet HTML 25Page - Analog Devices AD5734R Datasheet HTML 26Page - Analog Devices AD5734R Datasheet HTML 27Page - Analog Devices AD5734R Datasheet HTML 28Page - Analog Devices AD5734R Datasheet HTML 29Page - Analog Devices AD5734R Datasheet HTML 30Page - Analog Devices AD5734R Datasheet HTML 31Page - Analog Devices AD5734R Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD5724R/AD5734R/AD5754R
Preliminary Technical Data
Rev. PrC | Page 30 of 32
FEATURES
ANALOG OUTPUT CONTROL
In many industrial process control applications, it is vital that
the output voltage be controlled during power-up. When the
supply voltages change during power-up, the VOUT pins are
clamped to 0 V via a low impedance path (approxiamately
4kΩ). To prevent the output amplifiers from being shorted to
0 V during this time, Transmission Gate G1 is also opened (see
Figure 46). These conditions are maintained until the power
supplies have stabilized and a valid word is written to a DAC
register. At this time, G2 opens and G1 closes.
VOUTA
G1
G2
VOLTAGE
MONITOR
AND
CONTROL
Figure 46. Analog Output Control Circuitry
POWER-DOWN MODE
Each DAC channel of the AD5724R/AD5734R/AD5754R can
be individually powered-down. By default all channels are in
power-down mode. The power status is controlled by the
POWER CONTROL register, see Table 28 and Table 29 for
details. When a channel is in power-down mode its output pin
is clamped to ground through a resistance of approx. 4kΩ and
the output of the amplifier is disconnected from the output pin.
OVERCURRENT PROTECTION
Each DAC channel of the AD5724R/AD5734R/AD5754R
incorporates individual overcurrent protection. The user has
two options for the configuration of the overcurrent protection,
constant current clamp, or automatic channel power-down. The
configuration of the overcurrent protection is selected via the
CLAMP ENABLE bit in the control register.
Constant Current Clamp (CLAMP ENABLE = 1)
If a short circuit occurs, in this configuration the current is
clamped at 20 mA. This event is signaled to the user by the
setting of the appropriate overcurrent (OCX) bit in the power
control register. Upon removal of the short-circuit fault, the
OCX bit is cleared.
Automatic Channel Power-Down (CLAMP ENABLE = 0)
If a short circuit occurs, in this configuration the shorted
channel powers down and its output is clamped to ground via a
resistance of approx. 4kΩ, also at this time the output of the
amplifier is disconnected from the output pin. The short-circuit
event is signaled to the user via the overcurrent (OCX) bits,
while the power-up (PUX ) bits indicate which channels have
powered down. After the fault is rectified, the channels can be
powered up again by setting the PUX bits.
THERMAL SHUTDOWN
The AD5724R/AD5734R/AD5754R incorporate a thermal
shutdown feature that automatically shuts down the device if
the core temperature exceeds approximately 150°C. The thermal
shutdown feature is disabled by default and can be enabled via
the TSD ENABLE bit of the control register. In the event of a
thermal shutdown, the TSD bit of the power control register is set.
INTERNAL REFERENCE
The on-chip voltage reference is powered down by default. If an
external voltage reference source is to be used, the internal
reference must remain powered down at all times. If the internal
reference is to be used as the reference source, it must be
powered up via the PUREF bit of the power control register. The
internal reference voltage is accessible at the REFIN/REFOUT pin
for use as a reference source for other devices within the system.
If the internal reference is to be used external to the
AD5724R/AD5734R/AD5754R, it must first be buffered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com