Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3V912 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS3V912
Description  3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3V912 Datasheet(HTML) 1 Page - STMicroelectronics

  TS3V912 Datasheet HTML 1Page - STMicroelectronics TS3V912 Datasheet HTML 2Page - STMicroelectronics TS3V912 Datasheet HTML 3Page - STMicroelectronics TS3V912 Datasheet HTML 4Page - STMicroelectronics TS3V912 Datasheet HTML 5Page - STMicroelectronics TS3V912 Datasheet HTML 6Page - STMicroelectronics TS3V912 Datasheet HTML 7Page - STMicroelectronics TS3V912 Datasheet HTML 8Page - STMicroelectronics TS3V912 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TS3V912
3V RAIL TO RAIL
CMOS DUAL OPERATIONAL AMPLIFIER
October 1997
.
DEDICATED TO 3.3V OR BATTERY SUPPLY
(specified at 3V and 5V)
.
RAIL TO RAIL INPUT AND OUTPUT
VOLTAGE RANGES
.
SINGLE SUPPLY OPERATION FROM 2.7V
TO 16V
.
EXTREMELY LOW INPUT BIAS CURRENT :
1pA typ
.
LOW INPUT OFFSET VOLTAGE : 2mV max.
.
SPECIFIED FOR 600
Ω AND 100Ω LOADS
.
LOW SUPPLY CURRENT : 200
µA/Ampli
(VCC = 3V)
.
ESD TOLERANCE : 3KV
.
LATCH-UP IMMUNITY
.
MACROMODEL INCLUDED IN THIS
SPECIFICATION
1
2
3
45
6
7
8
-
+
-
+
Inverting Input 1
Output 1
Non-inverting Input 1
VCC
VCC +
Output 2
Inverting Input 2
Non-inverting Input 2
PIN CONNECTIONS (top view)
DESCRIPTION
The TS3V912 is a RAIL TO RAIL CMOS dual
operational amplifier designed to operate with a
single 3V supply voltage.
The input voltage range Vicm includes the two
supply rails VCC
+ and VCC-.
The output reaches :
• V
CC
- +40mV
VCC
+ -50mV
with RL = 10k
• V
CC
- +350mV VCC+ -350mV with RL = 600
This product offers a broad supply voltage operat-
ing range from 2.7V to 16V and a supply current of
only 200
µA/amp. (VCC = 3V).
Source and sink output current capability is typi-
cally 40mA (at VCC = 3V), fixed by an internal
limitation circuit.
SGS-THOMSON is offering a quad op-amp with
the same features : TS3V914.
ORDER CODES
Part Number
Temperature Range
Package
ND
TS3V912I/AI/BI
-40, +125
oC
••
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
1/11


Similar Part No. - TS3V912

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V914 STMICROELECTRONICS-TS3V914 Datasheet
119Kb / 12P
3V RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
Oct-1997
TS3V914AI STMICROELECTRONICS-TS3V914AI Datasheet
119Kb / 12P
3V RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
Oct-1997
TS3V914I STMICROELECTRONICS-TS3V914I Datasheet
119Kb / 12P
3V RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
Oct-1997
More results

Similar Description - TS3V912

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V914 STMICROELECTRONICS-TS3V914 Datasheet
119Kb / 12P
3V RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
Oct-1997
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
Apr-1999
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS3V902 STMICROELECTRONICS-TS3V902 Datasheet
120Kb / 11P
3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
Oct-1997
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
Rail-to-Rail CMOS Dual Operational Amplifier
Feb-2006
logo
Advanced Linear Devices
ALD2704A ALD-ALD2704A Datasheet
49Kb / 6P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_07 Datasheet
205Kb / 18P
Rail-to-rail CMOS dual operational amplifier
16-Oct-2007
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704_10 Datasheet
83Kb / 9P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912B STMICROELECTRONICS-TS912B Datasheet
1Mb / 21P
Rail-to-rail CMOS dual operational amplifier
06-Nov-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com