Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5744R Datasheet(PDF) 13 Page - Analog Devices

Part # AD5744R
Description  Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5744R Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5744R Datasheet HTML 9Page - Analog Devices AD5744R Datasheet HTML 10Page - Analog Devices AD5744R Datasheet HTML 11Page - Analog Devices AD5744R Datasheet HTML 12Page - Analog Devices AD5744R Datasheet HTML 13Page - Analog Devices AD5744R Datasheet HTML 14Page - Analog Devices AD5744R Datasheet HTML 15Page - Analog Devices AD5744R Datasheet HTML 16Page - Analog Devices AD5744R Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD5744R
Rev. A | Page 13 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
0.25
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0
16,000
14,000
12,000
10,000
8000
6000
4000
2000
DAC CODE
TA = 25°C
VDD/VSS = ±15V
REFIN = 5V
Figure 7. Integral Nonlinearity Error vs. DAC Code,
VDD/VSS = ±15 V
0
16,000
14,000
12,000
10,000
8000
6000
4000
2000
DAC CODE
TA = 25°C
VDD/VSS = ±12V
REFIN = 5V
0.25
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
Figure 8. Integral Nonlinearity Error vs. DAC Code,
VDD/VSS = ±12 V
0.25
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0
16,000
14,000
12,000
10,000
8000
6000
4000
2000
DAC CODE
TA = 25°C
VDD/VSS = ±15V
REFIN = 5V
Figure 9. Differential Nonlinearity Error vs. DAC Code,
VDD/VSS = ±15 V
0.25
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0
16,000
14,000
12,000
10,000
8000
6000
4000
2000
DAC CODE
TA = 25°C
VDD/VSS = ±12V
REFIN = 5V
Figure 10. Differential Nonlinearity Error vs. DAC Code,
VDD/VSS = ±12 V
0.12
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
–40
100
–20
0
20406080
TEMPERATURE (°C)
VDD/VSS = ±15V
REFIN = 5V
Figure 11. Integral Nonlinearity Error vs. Temperature,
VDD/VSS = ±15 V
0.12
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
–40
100
–20
0
20
40
60
80
TEMPERATURE (°C)
VDD/VSS = ±12V
REFIN = 5V
Figure 12. Integral Nonlinearity Error vs. Temperature,
VDD/VSS = ±12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com