Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7352 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7352
Description  Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7352 Datasheet(HTML) 4 Page - Analog Devices

  AD7352 Datasheet HTML 1Page - Analog Devices AD7352 Datasheet HTML 2Page - Analog Devices AD7352 Datasheet HTML 3Page - Analog Devices AD7352 Datasheet HTML 4Page - Analog Devices AD7352 Datasheet HTML 5Page - Analog Devices AD7352 Datasheet HTML 6Page - Analog Devices AD7352 Datasheet HTML 7Page - Analog Devices AD7352 Datasheet HTML 8Page - Analog Devices AD7352 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD7352
Rev. 0 | Page 4 of 20
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS
Input High Voltage (VINH)
0.6 × VDRIVE
V
Input Low Voltage (VINL)
0.3 × VDRIVE
V
Input Current (IIN)
±1
μA
VIN = 0 V or VDRIVE
Input Capacitance (CIN)
3
pF
LOGIC OUTPUTS
Output High Voltage (VOH)
VDRIVE − 0.2
V
Output Low Voltage (VOL)
0.2
V
Floating-State Leakage Current
±1
μA
Floating-State Output Capacitance
5.5
pF
Output Coding
Straight binary
CONVERSION RATE
Conversion Time
t2 + 13 × tSCLK
ns
Track-and-Hold Acquisition Time2
30
ns
Full-scale step input, settling to 0.5 LSBs
Throughput Rate
3
MSPS
POWER REQUIREMENTS3
VDD
2.25
2.75
V
Nominal VDD = 2.5 V
VDRIVE
2.25
3.6
V
ITOTAL4
Digital inputs = 0 V or VDRIVE
Normal Mode (Operational)
10
15
mA
Normal Mode (Static)
6
7.5
mA
SCLK on or off
Partial Power-Down Mode
3.5
4.5
mA
SCLK on or off
Full Power-Down Mode
5
40
μA
SCLK on or off, −40°C to +85°C
90
μA
SCLK on or off, 85°C to 125°C
Power Dissipation
Normal Mode (Operational)
26
45
mW
Normal Mode (Static)
16
21
mW
SCLK on or off
Partial Power-Down Mode
9.5
11.5
mW
SCLK on or off
Full Power-Down Mode
16
110
μW
SCLK on or off, −40°C to +85°C
250
μW
SCLK on or off, 85°C to 125°C
1 Temperature ranges are as follows: Y grade: −40°C to +125°C; B grade: −40°C to +85°C.
2 See the Terminology section.
3 Current and power typical specifications are based on results with VDD = 2.5 V and VDRIVE = 3.0 V.
4 ITOTAL is the total current flowing in VDD and VDRIVE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com