Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS393ID Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS393ID
Description  MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS393ID Datasheet(HTML) 2 Page - STMicroelectronics

  TS393ID Datasheet HTML 1Page - STMicroelectronics TS393ID Datasheet HTML 2Page - STMicroelectronics TS393ID Datasheet HTML 3Page - STMicroelectronics TS393ID Datasheet HTML 4Page - STMicroelectronics TS393ID Datasheet HTML 5Page - STMicroelectronics TS393ID Datasheet HTML 6Page - STMicroelectronics TS393ID Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS393C,I,M
2/7
SCHEMATIC DIAGRAM (for 1/2 TS393)
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
T1
T2
1
TT
34
R
T
T
T
T
5
6
7
8
T
T
T
9
11
10
T12
T17
T13
TT
14
15
T16
T
T
19
20
T18
Input -
Input +
Output
CC
V+
CC
V-
Symbol
Parameter
Value
Unit
VCC
+
Supply Voltage 1)
18
V
Vid
Differential Input Voltage 2)
±18
V
Vi
Input Voltage 3)
18
V
Vo
Output Voltage
18
V
Io
Output Current
20
mA
IF
Forward Current in ESD Protection Diodes on Inputs 4)
50
mA
pd
Power Dissipation 5)
DIP8
SO8
TSSOP8
1250
710
625
mW
Tstg
Storage Temperature Range
-65 to +150
°C
1.
All voltage values, except differential voltage, are with respect to network ground terminal.
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
3.
Excursions of input voltages may exceed the power supply level. As long as the common mode voltage [Vicm=(Vin
+ + V
in
-)/2] remains
within the specified range, the comparator will provide a stable output state. However, the maximum current through the ESD diodes (if)
of the input stage must strictly be observed. The output must never exceed the power supply voltage.
4.
Guaranteed by design.
5.
Pd is calculated with Tamb = +25°C, Tj = +150°C and Rthja = 100°C/W for DIP8 package
= 175°C/W for SO8 package
= 200°C/W for TSSOP8 package
Symbol
Parameter
Value
Unit
VCC
+
Supply Voltage
TS393C,I
TS393M
2.7 to 16
4 to 16
V
Vicm
Common Mode Input Voltage Range
0 to VCC
+ -1.5
V
Toper
Operating Free-Air Temperature range
TS393C
TS393I
TS393M
0 to +70
-40 to +125
-55 to +125
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com