Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5667BCPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5667BCPZ-R2
Description  Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5667BCPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD5667BCPZ-R2 Datasheet HTML 1Page - Analog Devices AD5667BCPZ-R2 Datasheet HTML 2Page - Analog Devices AD5667BCPZ-R2 Datasheet HTML 3Page - Analog Devices AD5667BCPZ-R2 Datasheet HTML 4Page - Analog Devices AD5667BCPZ-R2 Datasheet HTML 5Page - Analog Devices AD5667BCPZ-R2 Datasheet HTML 6Page - Analog Devices AD5667BCPZ-R2 Datasheet HTML 7Page - Analog Devices AD5667BCPZ-R2 Datasheet HTML 8Page - Analog Devices AD5667BCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Dual, 12-/14-/16-Bit nanoDACs® with
5 ppm/°C On-Chip Reference, I2C® Interface
AD5627R/AD5647R/AD5667R, AD5627/AD5667
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Low power, smallest pin-compatible, dual nanoDACs
AD5627R/AD5647R/AD5667R
12-/14-/16-bit
On-chip 1.25 V/2.5 V, 5 ppm/°C reference
AD5627/AD5667
12-/16-bit
External reference only
3 mm x 3 mm LFCSP and 10-lead MSOP
2.7 V to 5.5 V power supply
Guaranteed monotonic by design
Power-on reset to zero scale
Per channel power-down
Hardware LDAC and CLR functions
I2C-compatible serial interface supports standard (100 kHz),
fast (400 kHz), and high speed (3.4 MHz) modes
APPLICATIONS
Process control
Data acquisition systems
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
FUNCTIONAL BLOCK DIAGRAMS
SDA
SCL
ADDR
VDD
GND
POWER-ON
RESET
1.25V/2.5V REF
VREFIN/VREFOUT
AD5627R/AD5647R/AD5667R
POWER-DOWN
LOGIC
INPUT
REGISTER
DAC
REGISTER
STRING
DAC A
VOUTA
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC B
VOUTB
LDAC CLR
BUFFER
Figure 1. AD5627R/AD5647R/AD5667R
SDA
SCL
ADDR
VDD
GND
POWER-ON
RESET
VREFIN
AD5627/AD5667
POWER-DOWN
LOGIC
INPUT
REGISTER
DAC
REGISTER
STRING
DAC A
VOUTA
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC B
VOUTB
LDAC CLR
BUFFER
Figure 2. AD5627/AD5667
GENERAL DESCRIPTION
The AD5627R/AD5647R/AD5667R, AD5627/AD5667
members of the nanoDAC family are low power, dual, 12-, 14-,
16-bit buffered voltage-out DACs with/without on-chip
reference. All devices operate from a single 2.7 V to 5.5 V
supply, are guaranteed monotonic by design, and have an I2C-
compatible serial interface.
The AD5627R/AD5647R/AD5667R have an on-chip reference.
The AD56x7RBCPZ have a 1.25 V, 5 ppm/°C reference, giving a
full-scale output range of 2.5 V; the AD56x7RBRMZ have a
2.5 V, 5 ppm/°C reference, giving a full-scale output range of 5
V. The on-chip reference is off at power-up, allowing the use of
an external reference. The internal reference is enabled via a
software write. The AD5667 and AD5627 require an external
reference voltage to set the output range of the DAC.
The AD56x7R/AD56x7 incorporate a power-on reset circuit
that ensures the DAC output powers up to 0 V, and remains
there until a valid write takes place. The part contains a per-
channel power-down feature that reduces the current
consumption of the device to 480 nA at 5 V and provides
software-selectable output loads while in power-down mode.
The low power consumption of this part in normal operation
makes it ideally suited to portable battery-operated equipment.
The on-chip precision output amplifier enables rail-to-rail
output swing.
The AD56x7R/AD56x7 use a 2-wire I2C-compatible serial
interface that operates in standard (100 kHz), fast (400 kHz),
and high speed (3.4 MHz) modes.
Table 1. Related Devices
Part No.
Description
AD5663
2.7 V to 5.5 V, dual 16-bit DAC,
external reference, SPI® interface
AD5623R/AD5643R/AD5663R
2.7 V to 5.5 V, dual 12-, 14-, 16-bit
DACs, internal reference,
SPI interface
AD5625R/AD5645R/AD5665R,
AD5625/AD5665
2.7 V to 5.5 V, quad 12-, 14-, 16-bit
DACs, with/without internal
reference, I2C interface


Similar Part No. - AD5667BCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5667BCPZ-REEL7 AD-AD5667BCPZ-REEL7 Datasheet
777Kb / 30P
Dual, 12-/14-/16-Bit nanoDACs with 5ppm/C On-Chip Ref, I2C Interface
4/06-Revision 0
More results

Similar Description - AD5667BCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5623R AD-AD5623R Datasheet
1Mb / 28P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
12/06-Rev. 0 to Rev. A
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5647R AD-AD5647R_15 Datasheet
1Mb / 32P
Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5627 AD-AD5627_15 Datasheet
1Mb / 32P
Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5627R AD-AD5627R_15 Datasheet
1Mb / 32P
Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5667 AD-AD5667_15 Datasheet
1Mb / 32P
Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5667R AD-AD5667R_15 Datasheet
1Mb / 32P
Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com