Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7879 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7879
Description  Low Voltage Controller for Touch Screens
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7879 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7879 Datasheet HTML 17Page - Analog Devices AD7879 Datasheet HTML 18Page - Analog Devices AD7879 Datasheet HTML 19Page - Analog Devices AD7879 Datasheet HTML 20Page - Analog Devices AD7879 Datasheet HTML 21Page - Analog Devices AD7879 Datasheet HTML 22Page - Analog Devices AD7879 Datasheet HTML 23Page - Analog Devices AD7879 Datasheet HTML 24Page - Analog Devices AD7879 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
AD7879
Rev. 0 | Page 21 of 36
Table 11. Control Register 2
Address
Name
Data
Bit
Description
Default
Value
0x02
PM[1:0]
15:14
ADC power management.
0x4040
00 = full shutdown, the ADC, oscillator, BIAS, and temperature sensor are all powered down.
01 = analog blocks to be powered down depend on the ADC mode.
If ADC mode is master mode; the ADC, oscillator, BIAS, and temperature sensor are powered
down and must wake up when the user touches the screen.
If ADC mode is slave mode, the ADC and temperature sensor are powered down while not
being used. They wake up automatically when required. The oscillator and BIAS are powered
up because they are needed to measure time. This also applies to the single conversion mode.
10 = ADC, BIAS, the oscillator is powered up continuously, irrespective of ADC mode.
11 = as 01.
GPIO EN
13
GPIO enable.
0 = AUX/VBAT channel active.
1 = GPIO enabled on AUX/VBAT/GPIO.
GPIO DAT
12
GPIO data bit.
GPIO DIR
11
GPIO direction.
0 = output.
1 = input.
GPIO POL
10
GPIO polarity.
0 = the GPIO pin is active low.
1 = the GPIO pin is active high.
SER/DFR
9
SER/DFR.
Selects normal (single-ended) or conversion.
0 = ratiometric (differential).
1 = normal (single-ended).
A[1:0]
8:7
ADC averaging.
00 = 2 middle values averaged (1 measurement when median filter does not operate).
01 = 4 middle values averaged.
10 = 8 middle values averaged.
11 = 16 values averaged.
M[1:0]
6:5
Median filter size.
00 = median filter does not operate.
01 = 4 measurements.
10 = 8 measurements.
11 = 16 measurements.
SW/RST
4
Software reset; digital part is reset when this bit is set.
FCD[3:0]
3:0
ADC first conversion delay1.
Starts at 128 μs and goes all the way to 4.096 ms in steps of 128 μs.
1 This delay occurs before conversion of the X and Y coordinate channels (including Z1 and Z2) to allow for screen settling and before the first conversion to allow the
ADC to power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com