Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8226ARMZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8226ARMZ-R7
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8226ARMZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8226ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8226ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8226ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8226ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8226ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8226ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8226ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8226ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8226ARMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8226
Preliminary Technical Data
Rev. PrA | Page 10 of 16
REFERENCE TERMINAL
The output voltage of the AD8226 is developed with respect to
the potential on the reference terminal. This is useful when the
output signal needs to be offset to a precise midsupply level. For
example, a voltage source can be tied to the REF pin to level-
shift the output so that the AD8226 can drive a single-supply
ADC. The REF pin is protected with ESD diodes and should
not exceed either +VS or −VS by more than 0.3 V.
For the best performance, source impedance to the REF
terminal should be kept below 2 Ω. As shown in Figure 3, the
reference terminal, REF, is at one end of a 50 kΩ resistor.
Additional impedance at the REF terminal adds to this 50 kΩ
resistor and results in amplification of the signal connected to
the positive input. The amplification from the additional RREF
can be computed by 2(50 kΩ + RREF)/100 kΩ + RREF.
Only the positive signal path is amplified; the negative path
is unaffected. This uneven amplification degrades CMRR.
INCORRECT
V
CORRECT
AD8226
OP1177
+
V
REF
AD8226
REF
Figure 4. Driving the Reference Pin
INPUT VOLTAGE RANGE
The three op amp architecture of the AD8226 applies gain in
the first stage before removing common-mode voltage in the
difference amplifier stage. In addition, the input transistors in
the first stage shift the common mode voltage up one diode
drop (about 650 mV.) Therefore, internal nodes between the
first and second stages (nodes 1 and 2 in Figure 3) experience a
combination of gained signal, common-mode signal, and
650 mV. This combined signal can be limited by the voltage
supplies even when the individual input and output signals are
not. Figure XX through Figure XX show the allowable
common-mode input voltage ranges for various output voltages
and supply voltages.
The following formulas can also be used to understand how the
reference voltage (VREF), common mode input voltage (VCM),
and differential input voltage (VDIFF) interact. These two
formulas, along with the input range specifications in Table 1
and Table 3, set the boundaries where the part operates with
best performance.
V
9.
0
2
)
)(
(
V
4.
0
+
<
+
<
S
CM
DIFF
S
V
V
GAIN
V
V
V
V
V
V
GAIN
V
S
REF
CM
DIFF
.6
1
2
2
)
)(
(
+
<
+
+
The common-mode input range shifts upwards with temper-
ature. At cold temperatures, the part requires an extra 200 mV
of headroom from the positive supply, and operation near the
negative supply has more margin. Conversely, hot temperatures
require less headroom from the positive supply, but are the worst-
case conditions for input voltages near the negative supply.
LAYOUT
To ensure optimum performance of the AD8226 at the PCB
level, care must be taken in the design of the board layout.
The AD8226 pins are arranged in a logical manner to aid in
this task.
8
7
6
5
1
2
3
4
–IN
RG
RG
+VS
VOUT
REF
–VS
+IN
TOP VIEW
(Not to Scale)
AD8226
Figure 5. Pinout Diagram
Common-Mode Rejection Ratio over Frequency
Poor layout can cause some of the common-mode signals to be
converted to differential signals before reaching the in-amp.
Such conversions occur when one input path has a frequency
response that is different from the other. To keep CMRR across
frequency high, input source impedance and capacitance of each
path should be closely matched. Additional source resistance in
the input path (for example, for input protection) should be placed
close to the in-amp inputs, which minimizes their interaction
with parasitic capacitance from the PCB traces.
Parasitic capacitance at the gain setting pins can also affect
CMRR over frequency. If the board design has a component
at the gain setting pins (for example, a switch or jumper), the
part should be chosen so that the parasitic capacitance is as
small as possible.
Power Supplies
A stable dc voltage should be used to power the instrumenta-
tion amplifier. Noise on the supply pins can adversely affect
performance.
A 0.1 µF capacitor should be placed as close as possible to each
supply pin. As shown in Figure 6, a 10 µF tantalum capacitor
can be used farther away from the part. In most cases, it can be
shared by other precision integrated circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com