Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8275BRMZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8275BRMZ-R7
Description  G = 0.2, Level Translation, 16-Bit ADC Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8275BRMZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8275BRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 9Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 10Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 11Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8275
Rev. 0 | Page 8 of 16
–60
–70
5V SINK
3.3V SINK
60
50
40
30
20
10
0
–10
–20
–30
–40
–50
–25
–50
0
25
50
75
100
125
TEMPERATURE (°C)
5V SOURCE
3.3V SOURCE
Figure 17. Short-Circuit Current vs. Temperature, VS = 3.3 V, 5 V
+VS
+VS – 0.2
+VS – 0.4
+VS – 0.6
+VS – 0.8
+VS – 1.0
–VS + 1.0
–VS + 0.8
–VS + 0.6
–VS + 0.4
–VS + 0.2
–VS
1k
10k
100
100k
RLOAD (Ω)
–40°C
–40°C
+125°C
+25°C
+85°C
+125°C
+25°C
+85°C
Figure 18. Output Voltage Swing vs. RLOAD, VS = 5 V
+VS
+VS – 0.4
+VS – 0.8
+VS – 1.2
+VS – 1.6
+VS – 2.0
–VS + 2.0
–VS + 1.6
–VS + 1.2
–VS + 0.8
–VS + 0.4
–VS
2468
10
12
14
0
OUTPUT CURRENT (mA)
–40°C
+125°C
+25°C
+125°C
+85°C
+25°C
+85°C
–40°C
Figure 19. Output Voltage Swing vs. Output Current, VS = 3.3 V
+VS
+VS – 0.4
+VS – 0.8
+VS – 1.2
+VS – 1.6
+VS – 2.0
–VS + 2.0
–VS + 1.6
–VS + 1.2
–VS + 0.8
–VS + 0.4
–VS
2
4
6
8
101214
0
OUTPUT CURRENT (mA)
–40°C
–40°C
+125°C
+85°C
+25°C
+125°C +85°C
+25°C
FREQUENCY (Hz)
Figure 20. Output Voltage Swing vs. Output Current, VS = 5 V
10
100
1k
1
10
100
1k
10k
100k
Figure 21. Voltage Noise Density vs. Frequency, Referred to Output
TIME (1s/DIV)
Figure 22. 0.1 Hz to 10 Hz Voltage Noise, Referred to Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com