Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4041 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS4041
Description  1.225V MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4041 Datasheet(HTML) 2 Page - STMicroelectronics

  TS4041 Datasheet HTML 1Page - STMicroelectronics TS4041 Datasheet HTML 2Page - STMicroelectronics TS4041 Datasheet HTML 3Page - STMicroelectronics TS4041 Datasheet HTML 4Page - STMicroelectronics TS4041 Datasheet HTML 5Page - STMicroelectronics TS4041 Datasheet HTML 6Page - STMicroelectronics TS4041 Datasheet HTML 7Page - STMicroelectronics TS4041 Datasheet HTML 8Page - STMicroelectronics TS4041 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TS4041
2/9
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TS4041E (2% Precision) T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Value
Unit
Ik
Reverse Breakdown Current
20
mA
If
Forward Current
10
mA
Pd
Power Dissipation 1)
SOT23-3
TO92
360
625
mW
Tstd
Storage Temperature
-65 to +150
°C
ESD
Human Body Model (HBM)
2
kV
Machine Model (MM)
200
V
Tlead
Lead Temperature (soldering, 10 seconds)
260
°C
1. Pd has been calculated with Tamb = 25°C and Tj = 150°C and
Rthja = 200°C/W for the TO92 package
Rthja = 340°C/W for the SOT23-3L package
Symbol
Parameter
Value
Unit
Imin
Minimum Operating Current
65
µA
Imax
Maximum Operating Current
12
mA
Toper
Operating Free Air Temperature Range
-40 to +85
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vk
Reverse Breakdown Voltage
Ik = 100µA
1.200
1.225
1.250
V
Reverse Breakdown Voltage Tolerance
Ik = 100µA
-40°C < Tamb < +85°C
-25
-36
+25
+36
mV
Ikmin
Minimum Operating Current
Tamb = 25°C
40
65
µA
-40°C < Tamb < +85°C
70
∆V
ref/∆T
Average Temperature Coefficient
Ik = 100µA
150
ppm/°C
∆V
k/∆Ik
Reverse Breakdown Voltage Change
with Operating Current Range
Ikmin < Ik < 1mA
-40°C < Tamb < +85°C
0.3
2
2.5
mV
1mA < Ik < 12mA
-40°C < Tamb < +85°C
2.5
8
10
Rka
Static Impedance
∆I
k = 45µA to 1mA
0.25
0.5
Ω
Kvh
Long Term Stability
Ik = 100µA, t = 1000hrs
120
ppm
En
Wide Band Noise
Ik = 100µA
10Hz < f < 10kHz
200
nV/
√Hz
Note : Limits are 100% production tested at 25°C. Limits over temperature are guaranteed through correlation and by design.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com