Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8226CRMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8226CRMZ-R7
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8226CRMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8226CRMZ-R7 Datasheet HTML 1Page - Analog Devices AD8226CRMZ-R7 Datasheet HTML 2Page - Analog Devices AD8226CRMZ-R7 Datasheet HTML 3Page - Analog Devices AD8226CRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8226CRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8226CRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8226CRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8226CRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8226CRMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Wide Supply Range, Rail-to-Rail
Output Instrumentation Amplifier
Preliminary Technical Data
AD8226
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Gain set with 1 external resistor
Gain range: 1 to 1000
Input voltage goes to ground
Input overdrive protection
Very wide power supply range
Dual supply: ±1.3 V to ±18 V
Single supply: 2.6 V to 36 V
Bandwidth (G = 1): 800 kHz
CMRR (G = 1): 78 dB minimum
Input noise: 22 nV/rt(Hz)
Typical supply current: 350 µA
SOIC-8 and MSOP-8 packages
APPLICATIONS
Industrial process controls
Bridge amplifiers
Medical instrumentation
Portable data acquisition
Multichannel systems
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
–IN
1
RG
2
RG
3
+IN
4
+VS
8
VOUT
7
REF
6
–VS
5
AD8226
Figure 1.
GENERAL DESCRIPTION
The AD8226 is a low cost instrumentation amplifier that requires
only one external resistor to set any gain between 1 and 1000.
The AD8226 is designed to work with a very wide range of
voltages. It can operate on supplies ranging from ±1.2 V to
±18 V (2.4 V to 36 V single supply). The AD8226 comes with
rail-to-rail output and a wide input range that includes the
ability to go slightly below the negative supply. In addition, the
AD8226 inputs can withstand voltages beyond the rail.
The AD8226 is perfect for multichannel, space-constrained
applications. Being a low power and low cost amplifier allows
multiple channels to be used.
The AD8226 has three grades. The A grade is the lower cost
version and is specified for temperatures from −40°C to +85°C.
The B grade is the higher performance version and is specified
from −40°C to +85°C. The C grade version is the higher
temperature version and is specified from −40°C to +105°C. All
models are operational from −40°C to +125°C; behavior at
these temperatures is shown in the typical performance curves.
The AD8226 is available in MSOP and SOIC packages.
Table 1. Instrumentation Amplifiers by Category
General
Purpose
Zero
Drift
Military
Grade
Low
Power
High Speed
PGA
AD82201
AD82311
AD620
AD6271
AD8250
AD8221
AD8290
AD621
AD6231
AD8251
AD8222
AD82931
AD524
AD82261
AD8253
AD82241
AD85531
AD526
AD8228
AD85561
AD624
AD85571
1 Rail-to-rail output.


Similar Part No. - AD8226CRMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8226 AD-AD8226 Datasheet
685Kb / 28P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8226 AD-AD8226 Datasheet
378Kb / 20P
Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD8226 AD-AD8226 Datasheet
529Kb / 28P
Wide Supply Range, Micropower,
REV. 0
AD8226 AD-AD8226 Datasheet
805Kb / 28P
Wide Supply Range, Rail-to-Rail
REV. 0
AD8226 AD-AD8226 Datasheet
361Kb / 20P
Low Noise, Low Gain Drift, G = 2000
REV. A
More results

Similar Description - AD8226CRMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8227 AD-AD8227 Datasheet
657Kb / 24P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. 0
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8420 AD-AD8420 Datasheet
256Kb / 10P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8426 AD-AD8426 Datasheet
284Kb / 20P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
logo
Texas Instruments
INA827 TI1-INA827 Datasheet
875Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
INA827 TI1-INA827_13 Datasheet
1Mb / 30P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. C
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
REV. A
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com