Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8226CRZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8226CRZ-R7
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8226CRZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8226CRZ-R7 Datasheet HTML 1Page - Analog Devices AD8226CRZ-R7 Datasheet HTML 2Page - Analog Devices AD8226CRZ-R7 Datasheet HTML 3Page - Analog Devices AD8226CRZ-R7 Datasheet HTML 4Page - Analog Devices AD8226CRZ-R7 Datasheet HTML 5Page - Analog Devices AD8226CRZ-R7 Datasheet HTML 6Page - Analog Devices AD8226CRZ-R7 Datasheet HTML 7Page - Analog Devices AD8226CRZ-R7 Datasheet HTML 8Page - Analog Devices AD8226CRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8226
Preliminary Technical Data
Rev. PrA | Page 4 of 16
Parameter
Conditions
A, C Grade
B Grade
Unit
Min
Typ
Max
Min
Typ
Max
DYNAMIC RESPONSE
Small Signal –3 dB Bandwidth
G = 1
1000
1000
kHz
G = 10
150
150
kHz
G = 100
15
15
kHz
G =1000
1.5
1.5
kHz
Settling Time 0.01%
10 V step
G = 1
22
22
µs
G = 10
22
22
µs
G = 100
50
50
µs
G = 1000
600
600
µs
Slew Rate
G = 1
0.5
0.5
V/µs
G = 5 to 100
1
1
V/µs
GAIN
G = 1 + (49.4kΩ/RG)
Gain Range
1
1000
1
1000
V/V
Gain Error
VOUT ±10 V
G = 1
0.07
0.02
%
G = 10
0.3
0.1
%
G = 100
0.3
0.1
%
G = 1000
0.3
0.1
%
Gain Nonlinearity
VOUT = –10 V to +10 V
G = 1
RL = 10 kΩ
ppm
G = 100
RL = 10 kΩ
ppm
G = 1000
RL = 10 kΩ
ppm
G = 1-100
RL = 2kΩ
ppm
Gain vs. Temperature
G = 1
TA = TMIN to TMAX
2
10
2
5
ppm/°C
G > 11
TA = TMIN to TMAX
–50
–50
ppm/°C
INPUT
VS = ± 1.35 V to 36 V
Input Impedance
Differential
2||2
2||2
GΩ||pF
Common Mode
2||2
2||2
GΩ||pF
Input Operating Voltage Range2
TA = 25°C
−VS − 0.1
+VS − 0.7
−VS − 0.1
+VS − 0.7
V
TA = –40°C
−VS − 0.15
+VS − 0.9
−VS − 0.15
+VS − 0.9
V
TA = 105°C
−VS − 0.05
+VS − 0.6
−VS − 0.05
+VS − 0.6
V
Input Overvoltage Range
TA = TMIN to TMAX
+VS −40
−VS +40
+VS −40
−VS +40
V
OUTPUT
VS = ± 1.35 V to 36 V
Output Swing
RL = 10 kΩ to ground
−VS + 0.2
+VS − 0.2
−VS + 0.2
−VS + 0.2
V
Over Temperature
TA = TMIN to TMAX
−VS + 0.3
+VS − 0.3
−VS + 0.3
+VS − 0.3
V
Output Swing
RL = 100 kΩ to ground
−VS + 0.1
+VS − 0.1
−VS + 0.1
−VS + 0.1
V
Over Temperature
TA = TMIN to TMAX
−VS + 0.1
+VS − 0.1
−VS + 0.1
−VS + 0.1
V
Short-Circuit Current
13
13
mA
POWER SUPPLY
Operating Range
Dual supply operation
±1.3
±18
±1.3
±18
V
Quiescent Current
350
400
350
400
µA
Over Temperature
TA = TMIN to TMAX
µA
TEMPERATURE RANGE
Specified Performance: TMIN to TMAX
A and B grades
–40
+85
−40
+85
°C
C grade
–40
+105
Operational
–40
+125
−40
+125
°C
1 Does not include the effects of external resistor R
G
2 Input voltage range of the AD8226 input stage. Input range depends on common mode voltage, differential voltage, gain, and reference voltage. See the Input
Voltage Range section in the Theory of Operation for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com