Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-4BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9520-4BCPZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-4BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9520-4BCPZ Datasheet HTML 17Page - Analog Devices AD9520-4BCPZ Datasheet HTML 18Page - Analog Devices AD9520-4BCPZ Datasheet HTML 19Page - Analog Devices AD9520-4BCPZ Datasheet HTML 20Page - Analog Devices AD9520-4BCPZ Datasheet HTML 21Page - Analog Devices AD9520-4BCPZ Datasheet HTML 22Page - Analog Devices AD9520-4BCPZ Datasheet HTML 23Page - Analog Devices AD9520-4BCPZ Datasheet HTML 24Page - Analog Devices AD9520-4BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
AD9520-4
Rev. 0 | Page 21 of 84
TYPICAL PERFORMANCE CHARACTERISTICS
350
300
250
200
150
100
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
3 CHANNELS—6 LVPECL
3 CHANNELS—3 LVPECL
2 CHANNELS—2 LVPECL
1 CHANNEL—1 LVPECL
Figure 6. Total Current vs. Frequency, CLK-to-Output (PLL Off),
LVPECL Outputs Terminated 50 Ω to VS_DRV − 2 V
240
220
200
180
160
140
120
100
80
0
50
100
150
200
250
FREQUENCY (MHz)
3 CHANNELS—6 CMOS
3 CHANNELS—3 CMOS
2 CHANNELS—2 CMOS
1 CHANNEL—1 CMOS
Figure 7. Total Current vs. Frequency, CLK-to-Output (PLL Off),
CMOS Outputs with 10 pF Load
50
20
25
30
35
40
45
1.45
1.55
1.65
1.75
VCO FREQUENCY (GHz)
Figure 8. KVCO vs. VCO Frequency
5
4
3
2
1
0
03
3.0
2.5
2.0
1.5
1.0
0.5
VOLTAGE ON CP PIN (V)
.5
PUMP UP
PUMP DOWN
Figure 9. Charge Pump Characteristics @ VCP = 3.3 V
5
4
3
2
1
0
05
4.0
3.0
4.5
3.5
2.5
2.0
1.5
1.0
0.5
VOLTAGE ON CP PIN (V)
.0
PUMP DOWN
PUMP UP
Figure 10. Charge Pump Characteristics @ VCP = 5.0 V
–140
–145
–150
–155
–160
–165
–170
0.1
1
100
10
PFD FREQUENCY (MHz)
Figure 11. PFD Phase Noise Referred to PFD Input vs. PFD Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com