Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9522-0/PCBZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9522-0/PCBZ
Description  12 LVDS/24 CMOS Output Clock Generator with Integrated 2.8 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9522-0/PCBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9522-0/PCBZ Datasheet HTML 5Page - Analog Devices AD9522-0/PCBZ Datasheet HTML 6Page - Analog Devices AD9522-0/PCBZ Datasheet HTML 7Page - Analog Devices AD9522-0/PCBZ Datasheet HTML 8Page - Analog Devices AD9522-0/PCBZ Datasheet HTML 9Page - Analog Devices AD9522-0/PCBZ Datasheet HTML 10Page - Analog Devices AD9522-0/PCBZ Datasheet HTML 11Page - Analog Devices AD9522-0/PCBZ Datasheet HTML 12Page - Analog Devices AD9522-0/PCBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
AD9522-0
Rev. 0 | Page 9 of 84
CLOCK OUTPUT ADDITIVE PHASE NOISE (DISTRIBUTION ONLY; VCO DIVIDER NOT USED)
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLK-TO-LVDS ADDITIVE PHASE NOISE
Distribution section only; does not include PLL and VCO
CLK = 1.6 GHz, Output = 800 MHz
Input slew rate > 1 V/ns
Divider = 2
@ 10 Hz Offset
−100
dBc/Hz
@ 100 Hz Offset
−110
dBc/Hz
@ 1 kHz Offset
−117
dBc/Hz
@ 10 kHz Offset
−126
dBc/Hz
@ 100 kHz Offset
−134
dBc/Hz
@ 1 MHz Offset
−137
dBc/Hz
@ 10 MHz Offset
−147
dBc/Hz
@ 100 MHz Offset
−148
dBc/Hz
CLK = 1 GHz, Output = 200 MHz
Input slew rate > 1 V/ns
Divider = 5
@ 10 Hz Offset
−111
dBc/Hz
@ 100 Hz Offset
−123
dBc/Hz
@ 1 kHz Offset
−132
dBc/Hz
@ 10 kHz Offset
−141
dBc/Hz
@ 100 kHz Offset
−146
dBc/Hz
@ 1 MHz Offset
−150
dBc/Hz
>10 MHz Offset
−156
dBc/Hz
CLK-TO-CMOS ADDITIVE PHASE NOISE
Distribution section only; does not include PLL and VCO
CLK = 1 GHz, Output = 500 MHz
Input slew rate > 1 V/ns
Divider = 2
@ 10 Hz Offset
−102
dBc/Hz
@ 100 Hz Offset
−114
dBc/Hz
@ 1 kHz Offset
−122
dBc/Hz
@ 10 kHz Offset
−129
dBc/Hz
@ 100 kHz Offset
−135
dBc/Hz
@ 1 MHz Offset
−140
dBc/Hz
>10 MHz Offset
−150
dBc/Hz
CLK = 1 GHz, Output = 50 MHz
Input slew rate > 1 V/ns
Divider = 20
@ 10 Hz Offset
−125
dBc/Hz
@ 100 Hz Offset
−136
dBc/Hz
@ 1 kHz Offset
−144
dBc/Hz
@ 10 kHz Offset
−152
dBc/Hz
@ 100 kHz Offset
−157
dBc/Hz
@ 1 MHz Offset
−160
dBc/Hz
>10 MHz Offset
−164
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com