Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS420 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS420
Description  4A SCRs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS420 Datasheet(HTML) 3 Page - STMicroelectronics

  TS420 Datasheet HTML 1Page - STMicroelectronics TS420 Datasheet HTML 2Page - STMicroelectronics TS420 Datasheet HTML 3Page - STMicroelectronics TS420 Datasheet HTML 4Page - STMicroelectronics TS420 Datasheet HTML 5Page - STMicroelectronics TS420 Datasheet HTML 6Page - STMicroelectronics TS420 Datasheet HTML 7Page - STMicroelectronics TS420 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS420 Series
3/8
OTHER INFORMATION
Note: x = voltage
Part Number
Marking
Weight
Base Quantity
Packing mode
TS420-x00B
TS420x00
0.3 g
75
Tube
TS420-x00B-TR
TS420x00
0.3 g
2500
Tape & reel
TS420-x00H
TS420x00
0.4 g
75
Tube
TS420-x00T
TS420x00T
2.3 g
50
Tube
Fig. 1: Maximum average power dissipation
versus average on-state current.
Fig. 2-1: Average and D.C. on-state current
versus case temperature.
Fig. 2-2: Average and D.C. on-state current
versus ambient temperature (device mounted on
FR4 with recommended pad layout) (DPAK).
Fig. 3: Relative variation of thermal impedance
junction
to
ambient
versus
pulse
duration
(recommended pad layout, FR4 PC board) for
DPAK.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
P(W)
α = 180°
IT(av)(A)
360°
α
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
IT(av)(A)
DC
α = 180°
Tcase(°C)
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IT(av)(A)
α = 180°
DC
α = 180°
DPAK
(S = 0.5cm 2)
IPAK
DC
Tamb(°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com