Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9522-1/PCBZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9522-1/PCBZ
Description  12 LVDS/24 CMOS Output Clock Generator with Integrated 2.4 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9522-1/PCBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9522-1/PCBZ Datasheet HTML 4Page - Analog Devices AD9522-1/PCBZ Datasheet HTML 5Page - Analog Devices AD9522-1/PCBZ Datasheet HTML 6Page - Analog Devices AD9522-1/PCBZ Datasheet HTML 7Page - Analog Devices AD9522-1/PCBZ Datasheet HTML 8Page - Analog Devices AD9522-1/PCBZ Datasheet HTML 9Page - Analog Devices AD9522-1/PCBZ Datasheet HTML 10Page - Analog Devices AD9522-1/PCBZ Datasheet HTML 11Page - Analog Devices AD9522-1/PCBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
AD9522-1
Rev. 0 | Page 8 of 84
TIMING CHARACTERISTICS
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS OUTPUT RISE/FALL TIMES
Termination = 100 Ω across differential pair
Output Rise Time, tRP
150
350
ps
20% to 80%, measured differentially
Output Fall Time, tFP
150
350
ps
80% to 20%, measured differentially
PROPAGATION DELAY, tLVDS, CLK-TO-LVDS OUTPUT
For All Divide Values
1866
2313
2812
ps
High frequency clock distribution configuration
1808
2245
2740
ps
Clock distribution configuration
Variation with Temperature
1
ps/°C
OUTPUT SKEW, LVDS OUTPUTS1
Termination = 100 Ω across differential pair
LVDS Outputs That Share the Same Divider
7
60
ps
LVDS Outputs on Different Dividers
19
162
ps
All LVDS Outputs Across Multiple Parts
432
ps
CMOS OUTPUT RISE/FALL TIMES
Termination = open
Output Rise Time, tRC
625
835
ps
20% to 80%; CLOAD = 10 pF
Output Fall Time, tFC
625
800
ps
80% to 20%; CLOAD = 10 pF
PROPAGATION DELAY, tCMOS, CLK-TO-CMOS OUTPUT
Clock distribution configuration
For All Divide Values
1913
2400
2950
ps
Variation with Temperature
2
ps/°C
OUTPUT SKEW, CMOS OUTPUTS1
CMOS Outputs That Share the Same Divider
10
55
ps
All CMOS Outputs on Different Dividers
27
230
ps
All CMOS Outputs Across Multiple Parts
500
ps
OUTPUT SKEW, LVDS-TO-CMOS OUTPUT1
All settings identical; different logic type
Outputs That Share the Same Divider
−31
+152
+495
ps
LVDS to CMOS on the same part
Outputs That Are on Different Dividers
−193
+160
+495
ps
LVDS to CMOS on the same part
1 The output skew is the difference between any two similar delay paths while operating at the same voltage and temperature.
Timing Diagrams
CLK
tCMOS
tCLK
tLVDS
Figure 2. CLK/CLK to Clock Output Timing, DIV = 1
DIFFERENTIAL
LVDS
80%
20%
tRP
tFP
Figure 3. LVDS Timing, Differential
SINGLE-ENDED
CMOS
10pF LOAD
80%
20%
tRC
tFC
Figure 4. CMOS Timing, Single-Ended, 10 pF Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com