Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS419-4 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TS419-4
Description  360mW MONO AMPLIFIER WITH STANDBY MODE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS419-4 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TS419-4 Datasheet HTML 24Page - STMicroelectronics TS419-4 Datasheet HTML 25Page - STMicroelectronics TS419-4 Datasheet HTML 26Page - STMicroelectronics TS419-4 Datasheet HTML 27Page - STMicroelectronics TS419-4 Datasheet HTML 28Page - STMicroelectronics TS419-4 Datasheet HTML 29Page - STMicroelectronics TS419-4 Datasheet HTML 30Page - STMicroelectronics TS419-4 Datasheet HTML 31Page - STMicroelectronics TS419-4 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
TS419-TS421
28/32
The efficiency is the ratio between the output
power and the power supply
The maximum theoretical value is reached when
Vpeak = Vcc, so
s Decoupling of the circuit
Two capacitors are needed to bypass properly the
TS419/TS421. A power supply bypass capacitor
CS and a bias voltage bypass capacitor CB.
CS has particular influence on the THD+N in the
high frequency region (above 7kHz) and an
indirect influence on power supply disturbances.
With
1µF,
you
can
expect
similar
THD+N
performances to those shown in the datasheet.
In the high frequency region, if CS is lower than
1µF, it increases THD+N and disturbances on the
power supply rail are less filtered.
On the other hand, if CS is higher than 1µF, those
disturbances on the power supply rail are more
filtered.
CB has an influence on THD+N at lower
frequencies, but its function is critical to the final
result of PSRR (with input grounded and in the
lower frequency region).
If CB is lower than 1µF, THD+N increases at lower
frequencies and PSRR worsens.
If CB is higher than 1µF, the benefit on THD+N at
lower frequencies is small, but the benefit to PSRR
is substantial.
Note that CIN has a non-negligible effect on PSRR
at lower frequencies. The lower the value of CIN,
the higher the PSRR.
s Wake-up Time: T
WU
When standby is released to put the device ON,
the bypass capacitor CB will not be charged
immediatly. As CB is directly linked to the bias of
the amplifier, the bias will not work properly until
the CB voltage is correct. The time to reach this
voltage is called wake-up time or TWU and typically
equal to:
TWU=0.15xCB (s) with CB in µF.
Due to process tolerances, the range of the
wake-up time is :
0.12xCb < TWU < 0.18xCB (s) with CB in µF
Note : When the standby command is set, the time
to put the device in shutdown mode is a few
microseconds.
s Pop performance
Pop performance is intimately linked with the size
of the input capacitor Cin and the bias voltage
bypass capacitor CB.
The size of CIN is dependent on the lower cut-off
frequency and PSRR values requested. The size
of CB is dependent on THD+N and PSRR values
requested at lower frequencies.
Moreover, CB determines the speed with which the
amplifier turns ON. The slower the speed is, the
softer the turn ON noise is.
The charge time of CB is directly proportional to
the internal generator resistance 150k
Ω..
Then, the charge time constant for CB is
τ
B = 150kΩxCB (s)
As CB is directly connected to the non-inverting
input (pin 2 & 3) and if we want to minimize, in
amplitude and duration, the output spike on Vout1
(pin 5), CIN must be charged faster than CB. The
equivalent charge time constant of CIN is:
τ
IN = (Rin+Rfeed)xCIN (s)
Thus we have the relation:
τ
IN < τB (s)
Proper respect of this relation allows to minimize
the pop noise.
Remark : Minimizing CIN and CB benefits both the
pop phenomena, and the cost and size of the
application.
s Application : Differential inputs BTL power
amplifier.
The schematic on figure 98, shows how to design
the TS419/21 to work in a differential input mode.
The gain of the amplifier is:
In order to reach optimal
performances of the differential function, R1 and
R2 should be matched at 1% max.
Vcc
4
V
ply
sup
P
P
PEAK
OUT
π
=
=
η
%
5
.
78
4
=
π
1
2
VDIFF
R
R
2
G
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com