Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMV15GT Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # EMV15GT
Description  HCMOS 14 pin DIL, V Group
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

EMV15GT Datasheet(HTML) 1 Page - EUROQUARTZ limited

  EMV15GT Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
TCXO
EMV15GT Series
DESCRIPTION
14 pin DIL package with trimmer
Wide frequency range: 27.0MHz to 200.0MHz
Supply voltage 3.3 Volts
Frequency stability from ±1ppm over -30 to +75°C
RoHS compliant
EMV15GT series TCXOs are packaged in a 14 pin DIL package with
trimmer. With squarewave (CMOS) output, tolerances are available
from ±1.0ppm over -30° to +75°C. The part has a 0.01mF decoupling
capacitor built in.
EMV15GT - OUTLINES AND DIMENSIONS
Stability (ppm)
±0.5
±1.0
±1.5
±2.0
±2.5
±3.0
Temp.
Range (°C)
0 ~ +50
P
P
P
P
P
P
-10 ~ +60
ASK
P
P
P
P
P
-20 ~ +70
X
P
P
P
P
P
-30 ~ +75
X
P
P
P
P
P
-40 ~ +85
X
X
X
ASK
ASK
P
P
= available, x = not available, ASK = call Technical Sales
SPECIFICATION
Product Series Code
TCXO:
EMV15GT
VCTCXO:
VEMV15GT
Frequency Range:
27.0MHz to 200.0MHz
Output Waveform:
Squarewave, HCMOS
Initial Calibration Tolerance
Models without trimmer:
<±2.0ppm
Models with trimmer:
<±1.0ppm
Standard Frequencies:
30.0, 32.768, 38.880, 40.0,
50.0, 54.0, 64.0, 65.536,
77.76, 80.0, 128.0, 160.0
and 200.0MHz
(Partial list)
Operating Temperature Range:
See table
Mechanical Frequency Tuning:
±3.0ppm minimum
Frequency Stability
vs. Ageing:
±1.0 ppm max. first year
vs. Voltage Change:
±0.3 ppm max. ±5% change
vs. Load Change:
±0.3 ppm max. ±10% change
vs. Reflow (SMD type):
±1.0ppm max. for one reflow
(Measured after 24 hours)
Supply Voltage:
+3.3 Volts
Output Logic Levels:
Logic High: 90% Vdd min.
Logic Low: 10% Vdd max.
Current Consumption:
40mA maximum
Rise and Fall Times:
10ns typical
Duty Cycle:
50%±10% standard,
Start-up Time:
5ms typical, 10ms max.
Current Consumption:
See table below
Output Load:
15pF
Storage Temperature:
-55~+125°C
PART NUMBERING SCHEDULE
Example:
EMV15GT33-200.00-2.5/-30+75
Supply Voltage
33 = 3.3 VDC
Frequency (MHz)
Stability over OTR (±ppm)
Operating Temperature Range (OTR) (°C)
Lower and upper limits
Series Description
TCXO = EMV15GT*
VCTCXO = VEMV15GT
Control Voltage:
Standard = +1.5±1.0Volts for all input
voltages. (Contact technical sales if
+2.5±2.0 Volts is required.)
Frequency Deviation:
±6.0 ppm min. (Vcon = +4.5V±1.0V)
Slope Polarity:
Positive (increase of control voltage increases
output frequency.)
Input Impedance:
2M
minimum
Modulation Bandwidth: 25kHz minimum
Linearity:
±10% maximum
VEMV15GT VOLTAGE CONTROL SPECIFICATION
FREQUENCY STABILITY
Offset
10Hz
100Hz
1kHz
10kHz
100kHz
Part =
EMV15GT33
at 77.760Mhz
(dBc/Hz)
-80
-110
-135
-130
-132
at 155.520Mhz
(dBc/Hz)
-80
-110
-125
-120
-125
SSB PHASE NOISE at 25°C
* Note, 'G' indicates RoHS Compliant part
HCMOS 14 pin DIL, 'V' Group


Similar Part No. - EMV15GT

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EMV15T EUROQUARTZ-EMV15T Datasheet
137Kb / 1P
HCMOS 14 pin DIL, V Group
More results

Similar Description - EMV15GT

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EMV14GT EUROQUARTZ-EMV14GT Datasheet
142Kb / 1P
HCMOS 14 pin DIL, V Group
EMV14T EUROQUARTZ-EMV14T Datasheet
136Kb / 1P
HCMOS 14 pin DIL, V Group
EMV15T EUROQUARTZ-EMV15T Datasheet
137Kb / 1P
HCMOS 14 pin DIL, V Group
EMV38GT EUROQUARTZ-EMV38GT Datasheet
346Kb / 1P
HCMOS 14 pin DIL compatible, V Group
EMV38T EUROQUARTZ-EMV38T Datasheet
340Kb / 1P
HCMOS 14 pin DIL compatible, V Group
EMV39GT EUROQUARTZ-EMV39GT Datasheet
131Kb / 1P
HCMOS 14 pin DIL compatible, V Group
EMV39T EUROQUARTZ-EMV39T Datasheet
125Kb / 1P
HCMOS 14 pin DIL compatible, V Group
EMW14T EUROQUARTZ-EMW14T Datasheet
136Kb / 1P
HCMOS 14 pin DIL, W Group
EMW15GT EUROQUARTZ-EMW15GT Datasheet
142Kb / 1P
HCMOS 14 pin DIL, W Group
EMW15T EUROQUARTZ-EMW15T Datasheet
137Kb / 1P
HCMOS 14 pin DIL, W Group
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com