Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS419-8 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS419-8
Description  360mW MONO AMPLIFIER WITH STANDBY MODE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS419-8 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS419-8 Datasheet HTML 17Page - STMicroelectronics TS419-8 Datasheet HTML 18Page - STMicroelectronics TS419-8 Datasheet HTML 19Page - STMicroelectronics TS419-8 Datasheet HTML 20Page - STMicroelectronics TS419-8 Datasheet HTML 21Page - STMicroelectronics TS419-8 Datasheet HTML 22Page - STMicroelectronics TS419-8 Datasheet HTML 23Page - STMicroelectronics TS419-8 Datasheet HTML 24Page - STMicroelectronics TS419-8 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
TS419-TS421
21/32
Fig. 68: Signal to Noise Ratio vs Power Supply
Voltage with Unweighted Filter (20Hz to 20kHz)
Fig. 70: Noise Floor
Fig. 72: PSRR vs Power Supply Voltage
Fig. 69: Signal to Noise Ratio vs Power Supply
Voltage with Weighted Filter Type A
Fig. 71: Noise Floor
Fig. 73: PSRR vs Input Capacitor
2.0
2.5
3.0
3.5
4.0
4.5
5.0
70
75
80
85
90
Av = 4
Cb = 1
µF
THD+N < 0.5%
Tamb = 25
°C
RL=32
Ω
RL=16
Ω
RL=8
Ω
Power Supply Voltage (V)
100
1000
10000
0
10
20
30
40
Standby=OFF
Standby=ON
RL>=16
Ω
Vcc=5V
Av=4
Cb = 1
µF
Input Grounded
Bw < 125kHz
Tamb=25
°C
20k
20
Frequency (Hz)
100
1000
10000
100000
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc = 2V
Vcc = 5V, 3.3V & 2.5V
Vripple = 100mVrms
Rfeed = 40k
Ω
Input = floating
Cb = 1
µF
RL >= 16
Ω
Tamb = 25
°C
Frequency (Hz)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
75
80
85
90
95
100
Av = 4
Cb = 1
µF
THD+N < 0.5%
Tamb = 25
°C
RL=32
Ω
RL=16
Ω
RL=8
Ω
Power Supply Voltage (V)
100
1000
10000
0
10
20
30
40
Standby=OFF
Standby=ON
RL>=16
Ω
Vcc=2V
Av=4
Cb = 1
µF
Input Grounded
Bw < 125kHz
Tamb=25
°C
20k
20
Frequency (Hz)
100
1000
10000
100000
-60
-50
-40
-30
-20
-10
0
Cin = 100nF
Cin = 1
µF, 220nF
Vripple = 200mVpp
Av = 4, Vcc = 5V
Input = grounded
Cb = 1
µF, Rin = 20kΩ
RL >= 16
Ω
Tamb = 25
°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com