Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMW15GT Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # EMW15GT
Description  HCMOS 14 pin DIL, W Group
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

EMW15GT Datasheet(HTML) 1 Page - EUROQUARTZ limited

  EMW15GT Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
TCXO
EMW15GT Series
DESCRIPTION
14 pin DIL, package with trimmer
Frequency range: 200.01MHz to 800.0MHz
Supply voltage 3.3 Volts
Frequency stability from ±1ppm over -30 to +75°C
RoHS compliant
EMW15GT series TCXOs are packaged in a standard 14 pin DIL
package. With squarewave (CMOS) output, tolerances are available
from ±1.0ppm over -30° to +75°C. The part has a 0.01mF decoupling
capacitor built in.
EMW15GT - OUTLINES AND DIMENSIONS
Stability (ppm)
±0.5
±1.0
±1.5
±2.0
±2.5
±3.0
Temp.
Range (°C)
0 ~ +50
P
P
P
P
P
P
-10 ~ +60
ASK
P
P
P
P
P
-20 ~ +70
X
P
P
P
P
P
-30 ~ +75
X
P
P
P
P
P
-40 ~ +85
X
X
X
ASK
ASK
P
P
= available, x = not available, ASK = call Technical Sales
SPECIFICATION
Product Series Code
TCXO:
EMW15GT
VCTCXO:
VEMW15GT
Frequency Range:
200.01MHz to 800.0MHz
Output Waveform:
Squarewave, HCMOS
Initial Calibration Tolerance:
<±2.0ppm at +25°±2°C
Standard Frequencies:
200.0, 204.8, 311.04, 400.0,
409.6 and 622.08MHz
(Partial list)
Mechanical Frequency Tuning:
±3ppm minimum
Operating Temperature Range:
(see table)
Frequency Stability
(see table)
vs. Ageing:
±1.0 ppm max. first year
vs. Voltage Change:
±0.3 ppm max. ±5% change
vs. Load Change:
±0.3 ppm max. ±10% change
vs. Reflow (SMD type):
±1.0ppm max. for one reflow
(Measured after 24 hours)
Supply Voltage:
+3.3 Volts
Output Logic Levels:
Logic High: 90% Vdd min.
Logic Low: 10% Vdd max.
Current Consumption:
65mA max. (Freq. dependant)
Rise and Fall Times:
1.2ns typical
Duty Cycle:
50%±5%
Start-up Time:
5ms typical, 10ms max.
Current Consumption:
See table below
Output Load:
15pF
Storage Temperature:
-55~+125°C
PART NUMBERING SCHEDULE
Example:
EMW15GT33-409.60-2.5/-30+75
Supply Voltage
33 = 3.3 VDC
Frequency (MHz)
Stability over OTR (±ppm)
Operating Temperature Range (OTR) (°C)
Lower and upper limits
Series Description
TCXO = EMW15GT*
VCTCXO = VEMW15GT
Control Voltage:
Standard = +1.5±1.0Volts for all input
voltages. (Contact technical sales if
+2.5±2.0 Volts is required.)
Frequency Deviation:
±6.0 ppm min. (Vcon = +4.5V±1.0V)
Slope Polarity:
Positive (increase of control voltage increases
output frequency.)
Input Impedance:
2M
minimum
Modulation Bandwidth: 25kHz minimum
Linearity:
±10% maximum
VEMW15GT VOLTAGE CONTROL SPECIFICATION
FREQUENCY STABILITY
Offset
10Hz
100Hz
1kHz
10kHz
100kHz
Part =
EMW15GT33
at 622.080MHz
(dBc/Hz)
-50
-77
-102
-115
-108
SSB PHASE NOISE at 25°C
*Note: 'G' indicates part is RoHS compliant
HCMOS 14 pin DIL, 'W' Group


Similar Part No. - EMW15GT

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EMW15T EUROQUARTZ-EMW15T Datasheet
137Kb / 1P
HCMOS 14 pin DIL, W Group
EMW15T33-409.60-2.5-30 EUROQUARTZ-EMW15T33-409.60-2.5-30 Datasheet
137Kb / 1P
HCMOS 14 pin DIL, W Group
More results

Similar Description - EMW15GT

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EMV14GT EUROQUARTZ-EMV14GT Datasheet
142Kb / 1P
HCMOS 14 pin DIL, V Group
EMV14T EUROQUARTZ-EMV14T Datasheet
136Kb / 1P
HCMOS 14 pin DIL, V Group
EMV15GT EUROQUARTZ-EMV15GT Datasheet
142Kb / 1P
HCMOS 14 pin DIL, V Group
EMW14GT EUROQUARTZ-EMW14GT Datasheet
142Kb / 1P
HCMOS 14 pin DIL, W Group
EMW14T EUROQUARTZ-EMW14T Datasheet
136Kb / 1P
HCMOS 14 pin DIL, W Group
EMW15T EUROQUARTZ-EMW15T Datasheet
137Kb / 1P
HCMOS 14 pin DIL, W Group
EMW38T EUROQUARTZ-EMW38T Datasheet
340Kb / 1P
HCMOS 14 pin DIL compatible, W Group
EMW39GT EUROQUARTZ-EMW39GT Datasheet
131Kb / 1P
HCMOS 14 pin DIL compatible, W Group
EMW39GT33 EUROQUARTZ-EMW39GT33 Datasheet
131Kb / 1P
HCMOS 14 pin DIL compatible, W Group
EMW39T EUROQUARTZ-EMW39T Datasheet
125Kb / 1P
HCMOS 14 pin DIL compatible, W Group
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com