Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9780 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9780
Description  Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9780 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9780 Datasheet HTML 17Page - Analog Devices AD9780 Datasheet HTML 18Page - Analog Devices AD9780 Datasheet HTML 19Page - Analog Devices AD9780 Datasheet HTML 20Page - Analog Devices AD9780 Datasheet HTML 21Page - Analog Devices AD9780 Datasheet HTML 22Page - Analog Devices AD9780 Datasheet HTML 23Page - Analog Devices AD9780 Datasheet HTML 24Page - Analog Devices AD9780 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
AD9780/AD9781/AD9783
Rev. A | Page 21 of 36
SPI REGISTER DESCRIPTIONS
Reading these registers returns previously written values for all defined register bits, unless otherwise noted.
Table 12.
Register
Address
Bit
Name
Function
SPI Control
0x00
7
SDIO_DIR
0, operate SPI in 4-wire mode. The SDIO pin operates as an input only pin.
1, operate SPI in 3-wire mode. The SDIO pin operates as a bidirectional data line.
6
LSBFIRST
0, MSB first per SPI standard.
1, LSB first per SPI standard.
Only change LSB/MSB order in single-byte instructions to avoid erratic behavior
due to bit order errors.
5
RESET
0, execute software reset of SPI and controllers, reload default register values
except Register 0x00.
1, set software reset, write 0 on the next (or any following) cycle to release the reset.
Data Control
0x02
7
DATA
0, DAC input data is twos complement binary format.
1, DAC input data is unsigned binary format.
4
INVDCO
1, inverts the data clock output. Used for adjusting timing of input data.
Power-Down
0x03
7
PD_DCO
1, power down data clock output driver circuit.
6
PD_INPT
1, power down input.
5
PD_AUX2
1, power down AUX2 DAC
4
PD_AUX1
1, power down AUX1 DAC.
3
PD_BIAS
1, power down voltage reference bias circuit.
2
PD_CLK
1, power down DAC clock input circuit.
1
PD_DAC2
1, power down DAC2.
0
PD_DAC1
1, power down DAC1.
Setup and Hold
0x04
7:4
SET[3:0]
4-bit value used to determine input data setup timing.
3:0
HLD[3:0]
4-bit value used to determine input data hold timing.
Timing Adjust
0x05
4:0
SAMP_DLY[4:0]
5-bit value used to optimally position input data relative to internal sampling clock.
Seek
0x06
2
LVDS low
One of the LVDS inputs is above the input voltage limits of the IEEE reduced link
specification.
1
LVDS high
One of the LVDS inputs is below the input voltage limits of the IEEE reduced link
specification.
0
SEEK
Indicator bit used with LVDS_SET and LVDS_HLD to determine input data timing
margin.
Mix Mode
0x0A
3:2
DAC1MIX[1:0]
00, selects normal mode, DAC1.
01, selects return-to-zero mode, DAC1.
10, selects return-to-zero mode, DAC1.
11, selects mix mode, DAC1.
1:0
DAC2MIX[1:0]
00, selects normal mode, DAC2.
01, selects return-to-zero mode, DAC2.
10, selects return-to-zero mode, DAC2.
11, selects mix mode, DAC2.
DAC1 FSC
0x0B
7:0
DAC1FSC[9:0]
DAC1 full-scale 10-bit adjustment word.
0x0C
1:0
0x3FF, sets DAC full-scale output current to the maximum value of 31.66 mA.
0x200, sets DAC full-scale output current to the nominal value of 20.0 mA.
0x000, sets DAC full-scale output current to the minimum value of 8.66 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com